Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 8Page - Microchip Technology PIC16LF1824 Datasheet HTML 9Page - Microchip Technology PIC16LF1824 Datasheet HTML 10Page - Microchip Technology PIC16LF1824 Datasheet HTML 11Page - Microchip Technology PIC16LF1824 Datasheet HTML 12Page - Microchip Technology PIC16LF1824 Datasheet HTML 13Page - Microchip Technology PIC16LF1824 Datasheet HTML 14Page - Microchip Technology PIC16LF1824 Datasheet HTML 15Page - Microchip Technology PIC16LF1824 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 440 page
background image
PIC16(L)F1847
DS40001453D-page 12
Preliminary
 2011-2013 Microchip Technology Inc.
RA6/OSC2/CLKOUT/CLKR/
P1D(1)/P2B(1)/SDO1(1)
RA6
TTL
CMOS General purpose I/O.
OSC2
—
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
—
CMOS FOSC/4 output.
CLKR
—
CMOS Clock Reference Output.
P1D
—
CMOS PWM output.
P2B
—
CMOS PWM output.
SDO1
—
CMOS SPI data output 1.
RA7/OSC1/CLKIN/P1C(1)/
CCP2(1)/P2A(1)
RA7
TTL
CMOS General purpose I/O.
OSC1
XTAL
—
Crystal/Resonator (LP, XT, HS modes).
CLKIN
CMOS
—
External clock input (EC mode).
P1C
—
CMOS PWM output.
CCP2
ST
CMOS Capture/Compare/PWM2.
P2A
—
CMOS PWM output.
RB0/T1G/CCP1(1)/P1A(1)/INT/
SRI/FLT0
RB0
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
T1G
ST
—
Timer1 Gate input.
CCP1
ST
CMOS Capture/Compare/PWM1.
P1A
—
CMOS PWM output.
INT
ST
—
External interrupt.
SRI
ST
—
SR latch input.
FLT0
ST
—
ECCP Auto-Shutdown Fault input.
RB1/AN11/CPS11/RX(1,2)/DT(1,2)/
SDA1/SDI1
RB1
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN11
AN
—
ADC Channel 11 input.
CPS11
AN
—
Capacitive sensing input 11.
RX
ST
—
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
SDA1
I2C™
OD
I2C™ data input/output 1.
SDI1
CMOS
—
SPI data input 1.
RB2/AN10/CPS10/MDMIN/
TX(1,2)/CK(1,2)/RX(1)/DT(1)/
SDA2/SDI2/SDO1(1,2)
RB2
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN10
AN
—
ADC Channel 10 input.
CPS10
AN
—
Capacitive sensing input 10.
MDMIN
—
CMOS Modulator source input.
TX
—
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
RX
ST
—
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
SDA2
I2C™
OD
I2C™ data input/output 2.
SDI2
ST
—
SPI data input 2.
SDO1
—
CMOS SPI data output 1.
TABLE 1-2:
PIC16(L)F1847 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Pin functions can be moved using the APFCON0 or APFCON1 register.
2: Default function location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com