Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 14Page - Microchip Technology PIC16LF1824 Datasheet HTML 15Page - Microchip Technology PIC16LF1824 Datasheet HTML 16Page - Microchip Technology PIC16LF1824 Datasheet HTML 17Page - Microchip Technology PIC16LF1824 Datasheet HTML 18Page - Microchip Technology PIC16LF1824 Datasheet HTML 19Page - Microchip Technology PIC16LF1824 Datasheet HTML 20Page - Microchip Technology PIC16LF1824 Datasheet HTML 21Page - Microchip Technology PIC16LF1824 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 440 page
background image
PIC16(L)F1847
DS40001453D-page 18
Preliminary
 2011-2013 Microchip Technology Inc.
FIGURE 3-1:
PROGRAM MEMORY MAP
AND STACK FOR
PIC16(L)F1847
3.1.1
READING PROGRAM MEMORY AS
DATA
There are two methods of accessing constants in
program memory. The first method is to use tables of
RETLW instructions. The second method is to set an
FSR to point to the program memory.
3.1.1.1
RETLW Instruction
The RETLW instruction can be used to provide access
to tables of constants. The recommended way to create
such a table is shown in Example 3-1.
EXAMPLE 3-1:
RETLW INSTRUCTION
The BRW instruction makes this type of table very
simple to implement. If your code must remain portable
with previous generations of microcontrollers, then the
BRW instruction is not available so the older table read
method must be used.
3.1.1.2
Indirect Read with FSR
The program memory can be accessed as data by
setting bit 7 of the FSRxH register and reading the
matching INDFx register. The MOVIW instruction will
place the lower eight bits of the addressed word in the
W register. Writes to the program memory cannot be
performed via the INDF registers. Instructions that
access the program memory via the FSR require one
extra instruction cycle to complete. Example 3-2
demonstrates accessing the program memory via an
FSR.
The HIGH directive will set bit<7> if a label points to a
location in program memory.
EXAMPLE 3-2:
ACCESSING PROGRAM
MEMORY VIA FSR
PC<14:0>
15
0000h
0004h
0005h-
07FFh
Stack (16 Levels)
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
0800h-
Note 1:
Reserved. Shadows to 0000h-1FFFh.
0FFFh
1000h
Page 0
Page 1
1FFFh
17FFh
1800h
2000h
7FFFh
Page 2
Page 3
Rollover Page 0(1)
Rollover Page 3(1)
constants
BRW
;Add Index in W to
;program counter to
;select data
RETLW DATA0
;Index0 data
RETLW DATA1
;Index1 data
RETLW DATA2
RETLW DATA3
my_function
;… LOTS OF CODE…
MOVLW
DATA_INDEX
CALL constants
;… THE CONSTANT IS IN W
constants
RETLW DATA0
;Index0 data
RETLW DATA1
;Index1 data
RETLW DATA2
RETLW DATA3
my_function
;… LOTS OF CODE…
MOVLW
LOW constants
MOVWF
FSR1L
MOVLW
HIGH constants
MOVWF
FSR1H
MOVIW 0[FSR1]
;THE PROGRAM MEMORY IS IN W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com