Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 406 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 406 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 402Page - Microchip Technology PIC16LF1824 Datasheet HTML 403Page - Microchip Technology PIC16LF1824 Datasheet HTML 404Page - Microchip Technology PIC16LF1824 Datasheet HTML 405Page - Microchip Technology PIC16LF1824 Datasheet HTML 406Page - Microchip Technology PIC16LF1824 Datasheet HTML 407Page - Microchip Technology PIC16LF1824 Datasheet HTML 408Page - Microchip Technology PIC16LF1824 Datasheet HTML 409Page - Microchip Technology PIC16LF1824 Datasheet HTML 410Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 440 page
background image
PIC16(L)F1847
DS40001453D-page 406
Preliminary
 2011-2013 Microchip Technology Inc.
FIGURE 31-60:
LFINTOSC FREQUENCY OVER VDD AND TEMPERATURE, PIC16LF1847 ONLY
FIGURE 31-61:
LFINTOSC FREQUENCY OVER VDD AND TEMPERATURE, PIC16F1847 ONLY
Typical
Max.
Min.
20
22
24
26
28
30
32
34
36
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
VDD (V)
Max: Typical + 3 (-40°C to +125°C)
Typical: statistical mean @ 25°C
Min: Typical - 3 (-40°C to +125°C)
Typical
Max.
Min.
20
22
24
26
28
30
32
34
36
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
Max: Typical + 3 (-40°C to +125°C)
Typical: statistical mean @ 25°C
Min: Typical - 3 (-40°C to +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com