Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 427 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 427 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 423Page - Microchip Technology PIC16LF1824 Datasheet HTML 424Page - Microchip Technology PIC16LF1824 Datasheet HTML 425Page - Microchip Technology PIC16LF1824 Datasheet HTML 426Page - Microchip Technology PIC16LF1824 Datasheet HTML 427Page - Microchip Technology PIC16LF1824 Datasheet HTML 428Page - Microchip Technology PIC16LF1824 Datasheet HTML 429Page - Microchip Technology PIC16LF1824 Datasheet HTML 430Page - Microchip Technology PIC16LF1824 Datasheet HTML 431Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 440 page
background image
 2011-2013 Microchip Technology Inc.
Preliminary
DS40001453D-page 427
PIC16(L)F1847
APPENDIX A: DATA SHEET
REVISION HISTORY
Revision A (January 2011)
Original release of this document.
Revision B (May 2011)
Added Operating Current Value; Updated the Electrical
Specifications
section;
Updated
the
Packaging
Information section; Other minor corrections.
Revision C (November 2012)
Updated
Electrical
Specifications
and
added
characterization data.
Revision D (March 2013)
Updated Register 19-1 and Table 30-10; Other minor
corrections.
APPENDIX B: MIGRATING FROM
OTHER PIC®
DEVICES
This section provides comparisons when migrating
from other similar PIC® devices to the PIC16(L)F1847
family of devices.
B.1
PIC16F648A to PIC16(L)F1847
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F648A PIC16(L)F1847
Max. Operating
Speed
20 MHz
32 MHz
Max. Program
Memory (Words)
4K
8K
Max. SRAM (Bytes)
256
1024
Max. EEPROM
(Bytes)
256
256
ADC Resolution
10-bit
10-bit
Timers (8/16-bit)
2/1
4/1
Brown-out Reset
Y
Y
Internal Pull-ups
RB<7:0>
RB<7:0>, RA5
Interrupt-on-Change
RB<7:4>
RB<7:0>, Edge
Selectable
Comparator
2
2
AUSART/EUSART
1/0
0/1
Extended WDT
N
Y
Software Control
Option of WDT/BOR
NY
INTOSC
Frequencies
48 kHz or
4 MHz
31 kHz -
32 MHz
Clock Switching
Y
Y
Capacitive Sensing
N
Y
CCP/ECCP
2/0
2/2
Enhanced PIC16
CPU
NY
MSSPx
0
2
Reference Clock
N
Y
Data Signal
Modulator
NY
SR Latch
N
Y
Voltage Reference
N
Y
DAC
Y
Y
Note 1: This device has been designed to perform to the parameters of its data sheet. It has been tested to an
electrical specification designed to determine its conformance with these parameters. Due to process
differences in the manufacture of this device, this device may have different performance characteristics
than its earlier version. These differences may cause this device to perform differently in your application
than the earlier version of this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com