Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 434 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 434 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 430Page - Microchip Technology PIC16LF1824 Datasheet HTML 431Page - Microchip Technology PIC16LF1824 Datasheet HTML 432Page - Microchip Technology PIC16LF1824 Datasheet HTML 433Page - Microchip Technology PIC16LF1824 Datasheet HTML 434Page - Microchip Technology PIC16LF1824 Datasheet HTML 435Page - Microchip Technology PIC16LF1824 Datasheet HTML 436Page - Microchip Technology PIC16LF1824 Datasheet HTML 437Page - Microchip Technology PIC16LF1824 Datasheet HTML 438Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 440 page
background image
PIC16(L)F1847
DS40001453D-page 434
Preliminary
 2011-2013 Microchip Technology Inc.
Prescaler................................................................... 179
Specifications............................................................ 364
Timer1 Gate
Selecting Source............................................... 179
TMR1H Register ....................................................... 177
TMR1L Register........................................................ 177
Timer2
Associated registers.................................................. 192
Timer2/4/6 ......................................................................... 189
Associated registers.................................................. 192
Timers
Timer1
T1CON.............................................................. 185
T1GCON ........................................................... 186
Timer2/4/6
TXCON ............................................................. 191
Timing Diagrams
Acknowledge Sequence ........................................... 271
ADC Conversion ....................................................... 366
ADC Conversion (Sleep Mode)................................. 366
Asynchronous Reception .......................................... 294
Asynchronous Transmission..................................... 290
Asynchronous Transmission (Back to Back) ............ 291
Auto Wake-up Bit (WUE) During Normal Operation . 306
Auto Wake-up Bit (WUE) During Sleep .................... 306
Automatic Baud Rate Calibration .............................. 304
Baud Rate Generator with Clock Arbitration ............. 264
BRG Reset Due to SDA Arbitration During Start
Condition........................................................... 275
Brown-out Reset (BOR) ............................................ 362
Brown-out Reset Situations ........................................ 75
Bus Collision During a Repeated Start Condition
(Case 1) ............................................................ 276
Bus Collision During a Repeated Start Condition
(Case 2) ............................................................ 277
Bus Collision During a Start Condition (SCL = 0) ..... 275
Bus Collision During a Stop Condition (Case 1) ....... 278
Bus Collision During a Stop Condition (Case 2) ....... 278
Bus Collision During Start Condition (SDA only) ...... 274
Bus Collision for Transmit and Acknowledge............ 273
CLKOUT and I/O....................................................... 361
Clock Synchronization .............................................. 261
Clock Timing ............................................................. 359
Comparator Output ................................................... 163
Enhanced Capture/Compare/PWM (ECCP) ............. 364
Fail-Safe Clock Monitor (FSCM) ................................. 64
First Start Bit Timing ................................................. 265
Full-Bridge PWM Output ........................................... 217
Half-Bridge PWM Output .................................. 215, 222
I2C Bus Data ............................................................. 373
I2C Bus Start/Stop Bits.............................................. 372
I2C Master Mode (7 or 10-Bit Transmission) ............ 268
I2C Master Mode (7-Bit Reception)........................... 270
I2C Stop Condition Receive or Transmit Mode ......... 272
INT Pin Interrupt.......................................................... 86
Internal Oscillator Switch Timing................................. 59
PWM Auto-shutdown ................................................ 221
Firmware Restart .............................................. 220
PWM Direction Change ............................................ 218
PWM Direction Change at Near 100% Duty Cycle ... 219
PWM Output (Active-High)........................................ 213
PWM Output (Active-Low) ........................................ 214
Repeat Start Condition.............................................. 266
Reset Start-up Sequence............................................ 78
Reset, WDT, OST and Power-up Timer ................... 362
Send Break Character Sequence............................. 307
SPI Master Mode (CKE = 1, SMP = 1) ..................... 369
SPI Mode (Master Mode).......................................... 237
SPI Slave Mode (CKE = 0) ....................................... 370
SPI Slave Mode (CKE = 1) ....................................... 370
Synchronous Reception (Master Mode, SREN) ....... 312
Synchronous Transmission ...................................... 309
Synchronous Transmission (Through TXEN) ........... 309
Timer0 and Timer1 External Clock ........................... 363
Timer1 Incrementing Edge ....................................... 181
Two Speed Start-up.................................................... 62
USART Synchronous Receive (Master/Slave) ......... 368
USART Synchronous Transmission (Master/Slave). 368
Wake-up from Interrupt............................................... 98
Timing Diagrams and Specifications
PLL Clock ................................................................. 360
Timing Parameter Symbology .......................................... 358
Timing Requirements
I2C Bus Data............................................................. 373
SPI Mode .................................................................. 371
TMR0 Register.................................................................... 27
TMR1H Register ................................................................. 27
TMR1L Register.................................................................. 27
TMR2 Register.............................................................. 27, 35
TRIS.................................................................................. 344
TRISA Register........................................................... 28, 120
TRISB ............................................................................... 125
TRISB Register........................................................... 28, 126
Two-Speed Clock Start-up Mode........................................ 61
TXCON (Timer2/4/6) Register .......................................... 191
TxCON Register ............................................................... 211
TXREG ............................................................................. 289
TXREG Register ................................................................. 30
TXSTA Register.................................................................. 30
BRGH Bit .................................................................. 299
U
USART
Synchronous Master Mode
Requirements, Synchronous Receive .............. 368
Requirements, Synchronous Transmission...... 368
Timing Diagram, Synchronous Receive ........... 368
Timing Diagram, Synchronous Transmission... 368
V
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ............................................................ 305
Wake-up Using Interrupts ................................................... 98
Watchdog Timer (WDT)...................................................... 77
Modes....................................................................... 100
Specifications ........................................................... 363
WCOL ....................................................... 264, 267, 269, 271
WCOL Status Flag.................................... 264, 267, 269, 271
WDTCON Register ........................................................... 101
WPUB Register......................................................... 121, 127
Write Protection .................................................................. 49
WWW Address ................................................................. 435
WWW, On-Line Support ................................................... 2, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com