Electronic Components Datasheet Search
  English  ▼

X  

PIC16LF1824 Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC16LF1824
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1824 Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC16LF1824 Datasheet HTML 188Page - Microchip Technology PIC16LF1824 Datasheet HTML 189Page - Microchip Technology PIC16LF1824 Datasheet HTML 190Page - Microchip Technology PIC16LF1824 Datasheet HTML 191Page - Microchip Technology PIC16LF1824 Datasheet HTML 192Page - Microchip Technology PIC16LF1824 Datasheet HTML 193Page - Microchip Technology PIC16LF1824 Datasheet HTML 194Page - Microchip Technology PIC16LF1824 Datasheet HTML 195Page - Microchip Technology PIC16LF1824 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 440 page
background image
PIC16(L)F1847
DS40001453D-page 192
Preliminary
 2011-2013 Microchip Technology Inc.
TABLE 22-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER2/4/6
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCE
TMR0IF
INTF
IOCF
88
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
89
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
93
PIE3
—
—
CCP4IE
CCP3IE
TMR6IE
—TMR4IE
—
91
PIR3
—
—
CCP4IF
CCP3IF
TMR6IF
—TMR4IF
—
95
PR2
Timer2 Module Period Register
189*
PR4
Timer4 Module Period Register
189*
PR6
Timer6 Module Period Register
189*
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
191
T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS<1:0>
191
T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS<1:0>
191
TMR2
Holding Register for the 8-bit TMR2 Time Base
189*
TMR4
Holding Register for the 8-bit TMR4 Time Base
189*
TMR6
Holding Register for the 8-bit TMR6 Time Base
189*
Legend:
— = unimplemented read as ‘0’. Shaded cells are not used for Timer2 module.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com