Electronic Components Datasheet Search
  English  ▼

X  

AD5272 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5272
Description  1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5272 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5272 Datasheet HTML 13Page - Analog Devices AD5272 Datasheet HTML 14Page - Analog Devices AD5272 Datasheet HTML 15Page - Analog Devices AD5272 Datasheet HTML 16Page - Analog Devices AD5272 Datasheet HTML 17Page - Analog Devices AD5272 Datasheet HTML 18Page - Analog Devices AD5272 Datasheet HTML 19Page - Analog Devices AD5272 Datasheet HTML 20Page - Analog Devices AD5272 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD5272/AD5274
Rev. D | Page 17 of 28
TEST CIRCUITS
Figure 38 to Figure 42 define the test conditions used in the Specifications section.
VMS
IW
A
W
DUT
Figure 38. Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
RWA =
VMS
IW
RW =
RWA
2
A
W
IW
DUT
VMS
CODE = 0x00
Figure 39. Wiper Resistance
VDD
IW
VMS
A
W
V+
ΔVMS%
ΔVDD%
VMS
VDD
V+ = VDD ±10%
PSRR (dB) = 20 log
PSS (%/%) =
Figure 40. Power Supply Sensitivity (PSS, PSRR)
VMS
A
W
DUT
V
1GΩ
Figure 41. Gain vs. Frequency
ICM
DUT
W
A
NC = NO CONNECT
GND
+2.75V
NC
+2.75V
–2.75V
–2.75V
GND
GND
Figure 42. Common Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com