Electronic Components Datasheet Search
  English  ▼

X  

AD5272 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5272
Description  1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5272 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5272 Datasheet HTML 18Page - Analog Devices AD5272 Datasheet HTML 19Page - Analog Devices AD5272 Datasheet HTML 20Page - Analog Devices AD5272 Datasheet HTML 21Page - Analog Devices AD5272 Datasheet HTML 22Page - Analog Devices AD5272 Datasheet HTML 23Page - Analog Devices AD5272 Datasheet HTML 24Page - Analog Devices AD5272 Datasheet HTML 25Page - Analog Devices AD5272 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5272/AD5274
Data Sheet
Rev. D | Page 22 of 28
Table 13. Write and Read to RDAC and 50-TP memory
DIN
SDO1
Action
0x1C03
0xXXXX
Enable update of wiper position and 50-TP memory contents through digital interface.
0x0500
0x1C03
Write 0x100 to the RDAC register, wiper moves to ¼ full-scale position.
0x0800
0x0500
Prepare data read from RDAC register.
0x0C00
0x100
Stores RDAC register content into 50-TP memory. 16-bit word appears out of SDO, where last 10-bits contain the
contents of the RDAC Register 0x100.
0x1800
0x0C00
Prepare data read of last programmed 50-TP memory monitor location.
0x0000
0xXX19
NOP Instruction 0 sends a 16-bit word out of SDO, where the six LSBs last 6-bits contain the binary address of the last
programmed 50-TP memory location, for example, 0x19 (see Table 16).
0x1419
0x0000
Prepares data read from Memory Location 0x19.
0x2000
0x0100
Prepare data read from the control register. Sends a 16-bit word out of SDO, where the last 10-bits contain the contents
of Memory Location 0x19.
0x0000
0xXXXX
NOP Instruction 0 sends a 16-bit word out of SDO, where the last four bits contain the contents of the control register.
If Bit C3 = 1, fuse program command successful.
1 X is don’t care.
Table 14. Control Register Bit Map
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
C3
C2
C1
C0
Table 15. Control Register Description
Bit Name
Description
C0
50-TP program enable
0 = 50-TP program disabled (default)
1 = enable device for 50-TP program
C1
RDAC register write protect
0 = wiper position frozen to value in 50-TP memory (default)1
1 = allow update of wiper position through a digital interface
C2
Resistor performance enable
0 = RDAC resistor tolerance calibration enabled (default)
1 = RDAC resistor tolerance calibration disabled
C3
50-TP memory program success bit
0 = fuse program command unsuccessful (default)
1 = fuse program command successful
1 Wiper position is frozen to the last value programmed in the 50-TP memory. Wiper freezes to midscale if 50-TP memory has not been previously programmed.
Table 16. Memory Map
Command Number
Data Byte [DB9:DB8]1
Register Contents
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
5
X
X
X
0
0
0
0
0
0
0
Reserved
X
X
X
0
0
0
0
0
0
1
1st programmed wiper location (0x01)
X
X
X
0
0
0
0
0
1
0
2nd programmed wiper location (0x02)
X
X
X
0
0
0
0
0
1
1
3rd programmed wiper location (0x03)
X
X
X
0
0
0
0
1
0
0
4th programmed wiper location (0x04)
…
…
…
…
…
…
…
…
…
…
…
X
X
X
0
0
0
1
0
1
0
10th programmed wiper location (0xA)
X
X
X
0
0
1
0
1
0
0
20th programmed wiper location (0x14)
X
X
X
0
0
1
1
1
1
0
30th programmed wiper location (0x1E)
X
X
X
0
1
0
1
0
0
0
40th programmed wiper location (0x28)
X
X
X
0
1
1
0
0
1
0
50th programmed wiper location (0x32)
1 X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com