Electronic Components Datasheet Search
  English  ▼

X  

AD5272 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5272
Description  1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5272 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5272 Datasheet HTML 16Page - Analog Devices AD5272 Datasheet HTML 17Page - Analog Devices AD5272 Datasheet HTML 18Page - Analog Devices AD5272 Datasheet HTML 19Page - Analog Devices AD5272 Datasheet HTML 20Page - Analog Devices AD5272 Datasheet HTML 21Page - Analog Devices AD5272 Datasheet HTML 22Page - Analog Devices AD5272 Datasheet HTML 23Page - Analog Devices AD5272 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5272/AD5274
Data Sheet
Rev. D | Page 20 of 28
READ OPERATION
When reading data back from the AD5272/AD5274, the user
must first issue a readback command to the device, this begins
with a start command followed by an address byte (R/W = 0),
after which the AD5272/AD5274 acknowledges that it is
prepared to receive data by pulling SDA low.
Two bytes of data are then written to the AD5272/AD5274, the
most significant byte followed by the least significant byte; both
of these data bytes are acknowledged by the AD5272/AD5274.
A stop condition follows. These bytes contain the read instruc-
tion, which enables readback of the RDAC register, 50-TP
memory, or the control register. The user can then read back
the data beginning with a start command followed by an
address byte (R/W = 1), after which the device acknowledges
that it is prepared to transmit data by pulling SDA low. Two
bytes of data are then read from the device, as shown in Figure 45.
A stop condition follows. If the master does not acknowledge
the first byte, the second byte is not transmitted by the
AD5272/AD5274.
0
19
1
99
9
1
1
0
1
1
A1
A0
R/W
0
0
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
19
1
99
9
1
1
0
1
1
A1
A0
R/W
0
0
X
X
X
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
AD5272/AD5274
ACK. BY
AD5272/AD5274
ACK. BY
AD5272/AD5274
ACK. BY
AD5272/AD5274
ACK. BY
MASTER
NO ACK. BY
MASTER
SCL
SDA
SCL (CONTINUED)
SDA (CONTINUED)
SCL (CONTINUED)
SDA (CONTINUED)
START BY
MASTER
SCL
SDA
START BY
MASTER
STOP BY
MASTER
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
Figure 45. Read Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com