Electronic Components Datasheet Search
  English  ▼

X  

AD5272 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5272
Description  1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5272 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5272 Datasheet HTML 15Page - Analog Devices AD5272 Datasheet HTML 16Page - Analog Devices AD5272 Datasheet HTML 17Page - Analog Devices AD5272 Datasheet HTML 18Page - Analog Devices AD5272 Datasheet HTML 19Page - Analog Devices AD5272 Datasheet HTML 20Page - Analog Devices AD5272 Datasheet HTML 21Page - Analog Devices AD5272 Datasheet HTML 22Page - Analog Devices AD5272 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD5272/AD5274
Rev. D | Page 19 of 28
WRITE OPERATION
It is possible to write data for the RDAC register or the control
register. When writing to the AD5272/AD5274, the user must
begin with a start command followed by an address byte (R/W
= 0), after which the AD5272/AD5274 acknowledges that it is
prepared to receive data by pulling SDA low.
Two bytes of data are then written to the RDAC, the most
significant byte followed by the least significant byte; both of
these data bytes are acknowledged by the AD5272/AD5274. A
stop condition follows. The write operations for the AD5272/
AD5274 are shown in Figure 43.
A repeated write function gives the user flexibility to update the
device a number of times after addressing the part only once, as
shown in Figure 44.
SCL
SDA
START BY
MASTER
ACK. BY
AD5272/AD5274
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
ACK. BY
AD5272/AD5274
ACK. BY
AD5272/AD5274
STOP BY
MASTER
0
19
1
99
9
1
1
01
1
A1
A0
0
0
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
R/W
Figure 43. Write Command
SCL
SDA
START BY
MASTER
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
0
19
1
99
9
1
1
0
1
1
A1
A0
R/W
0
0
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SCL (CONTINUED)
SDA (CONTINUED)
FRAME 3
LEAST SIGNIFICANT DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
STOP BY
MASTER
1
99
D7
D6
D5
D4
D3
D2
D1
D0
(CONTINUED)
(CONTINUED)
FRAME 5
LEAST SIGNIFICANT DATA BYTE
1
99
0
0
C3C2C1
C0
D9
D8
FRAME 4
MOST SIGNIFICANT DATA BYTE
SCL
SDA
ACK. BY
AD5272
2/AD5274
ACK. BY
AD5272
2/AD5274
ACK. BY
AD5272
2/AD5274
ACK. BY
AD5272
2/AD5274
ACK. BY
AD5272
2/AD5274
Figure 44. Multiple Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com