Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9601
Description  10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9601 Datasheet HTML 5Page - Analog Devices AD9601 Datasheet HTML 6Page - Analog Devices AD9601 Datasheet HTML 7Page - Analog Devices AD9601 Datasheet HTML 8Page - Analog Devices AD9601 Datasheet HTML 9Page - Analog Devices AD9601 Datasheet HTML 10Page - Analog Devices AD9601 Datasheet HTML 11Page - Analog Devices AD9601 Datasheet HTML 12Page - Analog Devices AD9601 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9601
Rev. 0 | Page 9 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
DA4
2
DA5
3
DA6
4
DA7
5
DA8
6
(MSB) DA9
7
DRVDD
8
DRGND
9
OVRA
10
NIC
11
NIC
12
(LSB) DB0
13
DB1
14
DB2
35 VIN+
36 VIN–
37 AVDD
38 AVDD
39 AVDD
40 CML
41 AVDD
42 AVDD
34 AVDD
33 AVDD
32 AVDD
31 RBIAS
30 AVDD
29 PWDN
TOP VIEW
(Not to Scale)
PIN 0 (EXPOSED PADDLE) = AGND
AD9601
Figure 4. Pin Configuration
Table 7. Single Data Rate Mode Pin Function Descriptions
Pin No.
Mnemonic
Description
30, 32, 33, 34, 37, 38, 39,
41, 42, 43, 46
AVDD
1.8 V Analog Supply.
7, 24, 47
DRVDD
1.8 V Digital Output Supply.
0
AGND1
Analog Ground.
8, 23, 48
DRGND1
Digital Output Ground.
35
VIN+
Analog Input—True.
36
VIN−
Analog Input—Complement.
40
CML
Common-Mode Output Pin. Enabled through the SPI, this pin provides a reference for the
optimized internal bias voltage for VIN+/VIN−.
44
CLK+
Clock Input—True.
45
CLK−
Clock Input—Complement.
31
RBIAS
Set Pin for Chip Bias Current. (Place 1% 10 kΩ resistor terminated to ground.)
Nominally 0.5 V.
28
RESET
CMOS-Compatible Chip Reset (Active Low).
25
SDIO/DCS
Serial Port Interface (SPI) Data Input/Output (Serial Port Mode); Duty Cycle Stabilizer
Select (External Pin Mode).
26
SCLK/DFS
Serial Port Interface Clock (Serial Port Mode); Data Format Select Pin (External Pin Mode).
27
CSB
Serial Port Chip Select (Active Low).
29
PWDN
Chip Power-Down.
49
DCO−
Data Clock Output—Complement.
50
DCO+
Data Clock Output—True.
53
DA0 (LSB)
Output Port A Output Bit 0 (LSB).
54
DA1
Output Port A Output Bit 1.
55
DA2
Output Port A Output Bit 2.
56
DA3
Output Port A Output Bit 3.
1
DA4
Output Port A Output Bit 4.
2
DA5
Output Port A Output Bit 5.
3
DA6
Output Port A Output Bit 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com