Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9601
Description  10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9601 Datasheet HTML 10Page - Analog Devices AD9601 Datasheet HTML 11Page - Analog Devices AD9601 Datasheet HTML 12Page - Analog Devices AD9601 Datasheet HTML 13Page - Analog Devices AD9601 Datasheet HTML 14Page - Analog Devices AD9601 Datasheet HTML 15Page - Analog Devices AD9601 Datasheet HTML 16Page - Analog Devices AD9601 Datasheet HTML 17Page - Analog Devices AD9601 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9601
Rev. 0 | Page 14 of 32
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
20
40
60
80
100
120
250MSPS
170.3MHz @ –1.0dBFS
SNR: 59.1dB
ENOB: 9.60 BITS
SFDR: 73dBc
Figure 23. AD9601-250 64k Point Single-Tone FFT; 250 MSPS, 170.3 MHz
70k
0
BIN
60k
50k
40k
30k
20k
10k
N – 2
N – 1
N
N + 1
N + 2
Figure 24. AD9601-250 Grounded Input Histogram; 250 MSPS
90
50
0
500
ANALOG INPUT FREQUENCY (MHz)
85
80
75
70
65
60
55
50
100
150
200
250
300
350
400
450
SFDR (+85°C)
SFDR (+25°C)
SFDR (–40°C)
SNR (+85°C)
SNR (–40°C)
SNR (+25°C)
Figure 25. AD9601-250 Single-Tone SNR/SFDR vs. Input Frequency (fIN) and
Temperature with 1.25 V p-p Full Scale; 250 MSPS
100
0
90
0
AMPLITUDE (–dBFS)
90
80
70
60
50
40
30
20
10
80
70
60
50
40
30
20
10
SNR (dB)
SFDR (dBc)
SNR (dBFS)
SFDR (dBFS)
Figure 26. AD9601-250 SNR/SFDR vs. Input Amplitude; 250 MSPS, 170.3 MHz
1.0
–1.0
01
OUTPUT CODE
024
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
128
256
384
512
640
768
896
Figure 27. AD9601-250 DNL; 250 MSPS
400
0
5
245
SAMPLE RATE (MSPS)
350
300
250
200
150
100
50
25
45
65
85
105 125 145 165 185 205 225
TOTAL POWER (mW)
IAVDD (mA)
IDVDD (mA)
Figure 28. AD9601 Power Supply Current vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com