Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9601
Description  10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9601 Datasheet HTML 11Page - Analog Devices AD9601 Datasheet HTML 12Page - Analog Devices AD9601 Datasheet HTML 13Page - Analog Devices AD9601 Datasheet HTML 14Page - Analog Devices AD9601 Datasheet HTML 15Page - Analog Devices AD9601 Datasheet HTML 16Page - Analog Devices AD9601 Datasheet HTML 17Page - Analog Devices AD9601 Datasheet HTML 18Page - Analog Devices AD9601 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9601
Rev. 0 | Page 15 of 32
1.0
–1.0
0
OUTPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
128
256
384
512
640
768
896
Figure 29. AD9601-250 DNL; 250 MSPS
90
0
SAMPLE RATE (MSPS)
80
70
60
50
40
30
20
10
SFDR
SNR
125
75
175
225
275
Figure 30. SNR/SFDR vs. Sample Rate;
AD9626-250 , 170.3 MHz @ −1 dBFS
2.5
2.0
1.5
1.0
0.5
0
–0.5
–60
120
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
AD9601-210
AD9601-250
AD9601-170
Figure 31. Gain vs. Temperature
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
–40 –30 –20 –10
0
90
80
70
60
50
40
30
20
10
TEMPERATURE (°C)
AD9601-170
AD9601-210
AD9601-250
Figure 32. Offset vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com