Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9601
Description  10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9601 Datasheet HTML 6Page - Analog Devices AD9601 Datasheet HTML 7Page - Analog Devices AD9601 Datasheet HTML 8Page - Analog Devices AD9601 Datasheet HTML 9Page - Analog Devices AD9601 Datasheet HTML 10Page - Analog Devices AD9601 Datasheet HTML 11Page - Analog Devices AD9601 Datasheet HTML 12Page - Analog Devices AD9601 Datasheet HTML 13Page - Analog Devices AD9601 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9601
Rev. 0 | Page 10 of 32
Pin No.
Mnemonic
Description
4
DA7
Output Port A Output Bit 7.
5
DA8
Output Port A Output Bit 8.
6
DA9 (MSB)
Output Port A Output Bit 9 (MSB).
10, 11, 51, 52
NIC
Not internally connected.
9
OVRA
Output Port A Overrange Output Bit.
12
DB0 (LSB)
Output Port B Output Bit 0 (LSB).
13
DB1
Output Port B Output Bit 1.
14
DB2
Output Port B Output Bit 2.
15
DB3
Output Port B Output Bit 3.
16
DB4
Output Port B Output Bit 4.
17
DB5
Output Port B Output Bit 5.
18
DB6
Output Port B Output Bit 6.
19
DB7
Output Port B Output Bit 7.
20
DB8
Output Port B Output Bit 8.
21
DB9 (MSB)
Output Port B Output Bit 9 (MSB).
22
OVRB
Output Port B Overrange Output Bit.
1 AGND and DRGND should be tied to a common quiet ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com