Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9601
Description  10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9601 Datasheet HTML 15Page - Analog Devices AD9601 Datasheet HTML 16Page - Analog Devices AD9601 Datasheet HTML 17Page - Analog Devices AD9601 Datasheet HTML 18Page - Analog Devices AD9601 Datasheet HTML 19Page - Analog Devices AD9601 Datasheet HTML 20Page - Analog Devices AD9601 Datasheet HTML 21Page - Analog Devices AD9601 Datasheet HTML 22Page - Analog Devices AD9601 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9601
Rev. 0 | Page 19 of 32
TIMING—SINGLE PORT MODE
In single port mode, the CMOS output data is available from
Data Port A (DA0 to DA9). The outputs for Port B (DB0 to
DB9) are unused, and are high impedance in this mode.
The Port A outputs and the differential output data clock
(DCO+/DCO−) switch nearly simultaneously during the rising
edge of DCO+. In this mode, it is recommended to use the
rising edge of DCO− to capture the data from Port A. The setup
and hold time depends on the input sample clock period, and is
approximately 1/fCLK ± tSKEW.
TIMING—INTERLEAVED MODE
In interleaved mode, the output data of the AD9601 is de-
multiplexed onto two data port buses, Port A (DA0 to DA9) and
Port B (DB0 to DB9). The output data and differential data
capture clock switch at one-half the rate of the sample clock
input (CLK+/CLK−), increasing the setup and hold time for the
external data capture circuit relative to single port mode (see
Figure 3, interleaved mode timing diagram). The two ports
switch on alternating sample clock cycles, with the data for
Port A being valid during the rising edge of DCO+, and the
data for Port B being valid during the rising edge of DCO−. The
pipeline latency for both ports is six sample clock cycles. Due to
the random nature of the ÷2 circuit that generates the timing
for the output stage in interleaved mode, the first data sample
during power-up can be assigned to either Data Port A or Port
B. The user cannot control the polarity of the output data clock
relative to the input sample clock. In this mode, it is recom-
mended to use the rising edge of DCO+ to capture the data
from Port A, and the rising edge of DCO− to capture the data
from Port B. In both cases, the setup and hold time depends on
the input sample clock period, and both are approximately
2/fS ± tSKEW.
fS/2 Spurious
Because the AD9601 output data rate is at one-half the sampling
frequency in interleaved output mode, there is significant fS/2
energy in the outputs of the part, and there is significant energy
in the ADC output spectrum at fS/2. Care must be taken to be
certain that this fS/2 energy does not couple into either the clock
circuit or the analog inputs of the AD9601. When fS/2 energy is
coupled in this fashion, it appears as a spurious tone reflected
around fS/4, 3fS/4, 5fS/4, and so on. For example, in a 125 MSPS
sampling application with a 90 MHz single-tone analog input,
this energy generates a tone at 97.5 MHz.
[(3 × 125 MSPS/4 − 90 MHz) + 3 × 125 MSPS/4]
Depending on the relationship of the IF frequency to the center
of the Nyquist zone, this spurious tone may or may not be in the
user’s band of interest. Some residual fS/2 energy is present in
the AD9601, and the level of this spur is typically below the
level of the harmonics at clock rates. Figure 20 shows a plot of
the fS/2 spur level vs. the analog input frequency for the
AD9601-250. For the specifications provided in Table 2, the fS/2
spur effect is not a factor, as the device is specified in single port
output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com