Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9601
Description  10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9601 Datasheet HTML 24Page - Analog Devices AD9601 Datasheet HTML 25Page - Analog Devices AD9601 Datasheet HTML 26Page - Analog Devices AD9601 Datasheet HTML 27Page - Analog Devices AD9601 Datasheet HTML 28Page - Analog Devices AD9601 Datasheet HTML 29Page - Analog Devices AD9601 Datasheet HTML 30Page - Analog Devices AD9601 Datasheet HTML 31Page - Analog Devices AD9601 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9601
Rev. 0 | Page 30 of 32
Qty
Reference
Designator
Package
Description
Vendor
Part Number
0
R3, R14, R33,
R34, R35, R48,
R49
402
Resistor, 49.9 Ω
Susumu
RR0510R-49R9-D
0
R42, R43, R54,
R85, R86
402
Resistor, 10 kΩ
NIC Components
NRC04J103TRF
0
R28, R29, R30,
R31, R32
402
Resistor, 5 kΩ
NIC Components
NRC04F4991TRF
0
R37, R38
402
Resistor, 25 Ω
NIC Components
NRC04F24R9TRF
0
R39, R45
402
Resistor, 5 Ω
NIC Components
NRC04J5R1TRF
0
R58, R59
402
Resistor, 100 Ω
NIC Components
NRC04F1000TRF
0
R60, R61
402
Resistor, 240 Ω
NIC Components
NRC04J241TRF
0
R8, R9, R17,
R36, R40, R41,
R44, R46, R47,
R87, R50, R51,
R52, R53, R55,
R56, R57, R62,
R63, R64, R65,
R66, R67, R68,
R69, R70, R71,
R72, R73, R74,
R75, R76, R77,
R78, R79, R80,
R81, R82, R83,
R84
402
Resistor, 0 Ω
NIC Components
NRC04ZOTRF
0
P1, P2, P16, P17
805
Resistor, 0 Ω
NIC Components
NRC10ZOTRF
0
SW1
EVQ-
Q2F03W
Switch, light touch SMD
Panasonic
P12937SCT-ND
0
T4
Transformer, RF, 0.4 MHz to 800 MHz, SMD case
style CD542
Mini-Circuits
ADT1-1WT+
0
T5, T6
sm-22
Balun
M/A-Com
MABA007159-0000
0
U2
SOIC-8
PIC12F629
Microchip Tech
PIC12F629-I/SN
0
U6
Crystal
Cvhd_956 crystal
CVHD_956
0
U10
SOT-223
Regulator
ADP3339AKCZ-5.0
0
Z1
16CSP4X4
AD8352
0
U1
16CSP8X8
AD9515
0
P6
8-pin power connector post
Wieland
Z5.530.0825.0
0
P6
8-pin power connector top
Wieland
25.602.2853.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com