Electronic Components Datasheet Search
  English  ▼

X  

LC010B Datasheet(PDF) 10 Page - General Semiconductor

Part # LC010B
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010B Datasheet(HTML) 10 Page - General Semiconductor

Back Button LC010B Datasheet HTML 6Page - General Semiconductor LC010B Datasheet HTML 7Page - General Semiconductor LC010B Datasheet HTML 8Page - General Semiconductor LC010B Datasheet HTML 9Page - General Semiconductor LC010B Datasheet HTML 10Page - General Semiconductor LC010B Datasheet HTML 11Page - General Semiconductor LC010B Datasheet HTML 12Page - General Semiconductor LC010B Datasheet HTML 13Page - General Semiconductor LC010B Datasheet HTML 14Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Characteristics Curves (continued)
8-1796(C)
Figure 12. Lx010x/Lx015x Single-Output
Normalized Output Current vs.
Normalized Output Voltage at
TC = 25 °C
8-1797(C)
Note: Output2 has characteristics similar to output1 when
output1 is set to IO, min.
Figure 13. Lx010xx Dual-Output Normalized Output
Current vs. Normalized Output Voltage
at TC = 25 °C with Other Output at IO, min
8-1798(C)
Note: Output2 has characteristics similar to output1 when
output1 is set to IO, max.
Figure 14. Lx010xx Dual-Output Normalized Output
Current vs. Normalized Output Voltage
at TC = 25 °C with Other Output at
IO = IO, max
8-1800(C)
Figure 15. LC015A Typical Efficiency vs. Output
Current at TC = 25 °C
0.25
0.50
0.75
1.00
0.0
0.8
OUTPUT CURRENT NORMALIZED TO IO, max (IO/IO, max)
0.6
1.0
2.00
0.00
0.4
1.25
1.2
1.50
1.75
0.2
VI = LOW LINE
VI = NOM LINE
VI = HIGH LINE
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
NORMALIZED OUTPUT CURRENT 1
WITH OUTPUT CURRENT 2
SET TO IO, min (IO1/IO1, max)
4.5
0.0
3.5
4.0
1.0
VI = NOM LINE
VI = LOW LINE
VI = HIGH LINE
0.0
1.0
0.5
0.5
1.0
1.5
3.5
2.0
4.0
0.0
3.0
2.5
NORMALIZED OUTPUT CURRENT 1
WITH OUTPUT CURRENT 2
SET TO IO, max (IO1/IO1, max)
VI = NOM LINE
VI = LOW LINE
VI = HIGH LINE
0.5
1.0
1.5
2.0
70
78
OUTPUT CURRENT, IO (A)
76
80
0.0
74
2.5
86
3.0
82
84
72
VI = 27 V
VI = 20 V
VI = 18 V
VI = 36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com