Electronic Components Datasheet Search
  English  ▼

X  

LC010B Datasheet(PDF) 19 Page - General Semiconductor

Part # LC010B
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010B Datasheet(HTML) 19 Page - General Semiconductor

Back Button LC010B Datasheet HTML 15Page - General Semiconductor LC010B Datasheet HTML 16Page - General Semiconductor LC010B Datasheet HTML 17Page - General Semiconductor LC010B Datasheet HTML 18Page - General Semiconductor LC010B Datasheet HTML 19Page - General Semiconductor LC010B Datasheet HTML 20Page - General Semiconductor LC010B Datasheet HTML 21Page - General Semiconductor LC010B Datasheet HTML 22Page - General Semiconductor LC010B Datasheet HTML 23Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Lineage Power
19
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Thermal Considerations (continued)
8-1809(C)
Figure 48. LC010D, 015D Typical Power Dissipation
vs. Output Current at TC = 25 °C
8-1810(C)
Note: The power dissipation of this unit is shown at TC = TC, max
because the efficiency of this power module drops at high
temperatures.
Figure 49. LC015F Typical Power Dissipation vs.
Output Current at Maximum Case
Temperature
8-1811(C)
Figure 50. LC010A, B, C Typical Power Dissipation
vs. Normalized Output Current at
TC = 25 °C
8-1812(C)
Figure 51. LC010F Typical Power Dissipation vs.
Output Current at TC = 25 °C
8-1813(C)
Figure 52. LC010AJ, BK, CL Typical Power
Dissipation vs. Normalized Output
Current at TC = 25 °C
3.5
1.0
0.0
2.0
3.0
4.0
0.5
1.5
2.5
0.5
1.0
1.5
2.0
2.5
3.0
0.0
OUTPUT CURRENT, IO (A)
VI = 18 V
VI = 36 V
VI = 27 V
1.0
0.0
2.0
3.0
3.5
0.5
1.5
2.5
0.5
1.0
1.5
2.0
2.5
3.0
0.0
VI = 36 V
VI = 27 V
VI = 18 V
OUTPUT CURRENT, I O (A)
3.5
2.5
1.0
0.1
0.2
0.6
0.7
0.8
0.9
0.0
NORMALIZED OUTPUT CURRENT (IO/IO, max)
1.5
2.0
0.5
4.0
1.0
0.0
0.4
0.5
0.3
3.0
VI = 36 V
VI = 27 V
VI = 18 V
0.5
1.0
1.5
2.0
2.5
0.0
2.5
1.5
1.0
2.0
0.0
3.0
0.5
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 27 V
VI = 18 V
0.2
0.6
0.7
0.8
0.9
0.0
2.5
NORMALIZED OUTPUT CURRENT,
IO1 = IO2 [(IO1 + IO2)/(IO1, max + IO2, max)]
1.5
1.0
2.0
3.5
1.0
0.1
3.0
0.5
0.4
0.5
0.3
VI = 36 V
VI = 24 V
VI = 18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com