Electronic Components Datasheet Search
  English  ▼

X  

LC010B Datasheet(PDF) 23 Page - General Semiconductor

Part # LC010B
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010B Datasheet(HTML) 23 Page - General Semiconductor

Back Button LC010B Datasheet HTML 16Page - General Semiconductor LC010B Datasheet HTML 17Page - General Semiconductor LC010B Datasheet HTML 18Page - General Semiconductor LC010B Datasheet HTML 19Page - General Semiconductor LC010B Datasheet HTML 20Page - General Semiconductor LC010B Datasheet HTML 21Page - General Semiconductor LC010B Datasheet HTML 22Page - General Semiconductor LC010B Datasheet HTML 23Page - General Semiconductor LC010B Datasheet HTML 24Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Lineage Power
23
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Recommended Hole Pattern
Component-side footprint.
Dimensions are in millimeters and (inches).
8-1329(C).b
Ordering Information
Table 6. Device Codes
Input Voltage
Output Voltage
Output Power
Device Code
Comcode
18 V—36 V
5 V
15 W
LC015A
107809550
18 V—36 V
12 V
15 W
LC015B
107983140
18 V—36 V
15 V
15 W
LC015C
TBD
36 V—75 V
2 V
6 W
LC015D
TBD
18 V—36 V
3.3 V
10 W
LC015F
107809543
18 V—36 V
5 V
10 W
LC010A
107747925
18 V—36 V
12 V
10 W
LC010B
107747933
18 V—36 V
15 V
10 W
LC010C
107747941
18 V—36 V
2 V
4 W
LC010D
107747958
18 V—36 V
3.3 V
8 W
LC010F
107747966
18 V—36 V
±5 V
15 W
LC010AJ
107987083
18 V—36 V
±12 V
15 W
LC010BK
107809592
18 V—36 V
±15 V
15 W
LC010CL
TBD
36 V—75 V
5 V
15 W
LW015A
107809527
36 V—75 V
12 V
15 W
LW015B
107935413
36 V—75 V
15 V
15 W
LW015C
107935421
36 V—75 V
2 V
6 W
LW015D
107809501
36 V— 75 V
3.3 V
10 W
LW015F
107809535
36 V—75 V
5 V
10 W
LW010A
107747974
36 V—75 V
12 V
10 W
LW010B
107747982
36 V—75 V
15 V
10 W
LW010C
107747990
36 V—75 V
2 V
4 W
LW010D
107748006
36 V—75 V
3.3 V
8 W
LW010F
107748014
36 V—75 V
±5 V
10 W
LW010AJ
107935405
36 V—75 V
±12 V
10 W
LW010BK
107809568
36 V—75 V
±15 V
10 W
LW010CL
TBD
15.2
(0.60)
20.32 (0.800)
2.54
(0.100)
5.08
(0.200)
20.32
(0.800)
27.94
(1.10)
24.77
(0.975)
7.62
(0.300)
50.8 (2.00)
CASE OUTLINE
STANDOFF
25.4
(1.00)
9.91
(0.39)
7.62
(0.300)
10.16
(0.400)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com