Electronic Components Datasheet Search
  English  ▼

X  

LC010B Datasheet(PDF) 16 Page - General Semiconductor

Part # LC010B
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010B Datasheet(HTML) 16 Page - General Semiconductor

Back Button LC010B Datasheet HTML 12Page - General Semiconductor LC010B Datasheet HTML 13Page - General Semiconductor LC010B Datasheet HTML 14Page - General Semiconductor LC010B Datasheet HTML 15Page - General Semiconductor LC010B Datasheet HTML 16Page - General Semiconductor LC010B Datasheet HTML 17Page - General Semiconductor LC010B Datasheet HTML 18Page - General Semiconductor LC010B Datasheet HTML 19Page - General Semiconductor LC010B Datasheet HTML 20Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
16
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Feature Descriptions (continued)
Output Voltage Adjustment (Optional on
Single-Output Units)
Output voltage set-point adjustment allows the user to
increase or decrease the output voltage set point of a
module. This is accomplished by connecting an exter-
nal resistor between the TRIM pin and either the VO(+)
or VO(–) pins. With an external resistor between the
TRIM and VO(+) pins (Radj-down), the output voltage set
point (VO, adj) decreases (see Figure 39). The following
equation determines the required external resistor
value to obtain an output voltage change from VO, nom
to VO, adj:
where Radj-down is the resistance value connected
between TRIM and VO(+), and G, H, and L are defined
in the following table.
8-715(C).e
Figure 39. Circuit Configuration to Decrease
Output Voltage
With an external resistor connected between the TRIM
and VO(–) pins (Radj-up), the output voltage set point
(VO, adj) increases (see Figure 40). The following equa-
tion determines the required external resistor value to
obtain an output voltage from VO, nom to VO, adj:
where Radj-up is the resistance value connected
between TRIM and VO (–), and the values of G, H, K,
and L are shown in the following table:
The combination of the output voltage adjustment
and the output voltage tolerance cannot exceed 110%
(125% for the D) of the nominal output voltage between
the VO(+) and VO(–) terminals.
8-715(C).d
Figure 40. Circuit Configuration to Increase Output
Voltage
The L-Series power modules have a fixed current-limit
set point. Therefore, as the output voltage is adjusted
down, the available output power is reduced. In addi-
tion, the minimum output current is a function of the
output voltage. As the output voltage is adjusted down,
the minimum required output current can increase
(i.e., minimum power is constant).
Synchronization (Optional)
With external circuitry, the unit is capable of synchroni-
zation from an independent time base with a switching
rate of 256 kHz. Other frequencies may be available;
please consult the factory for application guidelines
and/or a description of the external circuit needed to
use this feature.
Radj-down
VO adj
,
L
–
()G
VOnom
,
VO adj
,
–
()
--------------------------------------- H
–
Ω
=
VI (+)
VI (–)
VO (+)
VO(-)
TRIM
Radj-down
RLOAD
Radj-up
GL
VOadj
,
L
–
() K
–
[]
-----------------------------------------
H
–
⎝⎠
⎛⎞ Ω
=
GH
K
L
Lx010, 5A
5110
2050
2.5
2.5
Lx010, 5B
10,000
5110
9.5
2.5
Lx010, 5C
10,000
5110
NA
2.5
Lx010, 5D
5110
2050
0.76
1.23
Lx010, 5F
5110
2050
0.75
2.5
VI(+)
VI(-)
VO(+)
VO(-)
TRIM
Radj-up
RLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com