Electronic Components Datasheet Search
  English  ▼

X  

LC010B Datasheet(PDF) 24 Page - General Semiconductor

Part # LC010B
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010B Datasheet(HTML) 24 Page - General Semiconductor

Back Button LC010B Datasheet HTML 16Page - General Semiconductor LC010B Datasheet HTML 17Page - General Semiconductor LC010B Datasheet HTML 18Page - General Semiconductor LC010B Datasheet HTML 19Page - General Semiconductor LC010B Datasheet HTML 20Page - General Semiconductor LC010B Datasheet HTML 21Page - General Semiconductor LC010B Datasheet HTML 22Page - General Semiconductor LC010B Datasheet HTML 23Page - General Semiconductor LC010B Datasheet HTML 24Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
March 2008
DS98-04
1EPS (Replaces DS98-040EPS)
World W ide Headqu arters
Lin eag e Po wer Co rp oratio n
30 00 Skyline D rive, Mesquite, T X 75149, U SA
+1-800-526-7819
(Outsid e U .S.A .: +1- 97 2-2 84 -2626)
www.line ag epower.co m
e-m ail: tech sup port1@lin ea gep ower.co m
A sia-Pacific Head quart ers
Tel: +65 6 41 6 4283
Eu ro pe, M id dle-East an d Afric a He ad qu arters
Tel: +49 8 9 6089 286
Ind ia Headqu arters
Tel: +91 8 0 28411633
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is ass umed as a res ult of their use or
applic ation. No rights under any patent acc ompany the sale of any s uc h pr oduct(s ) or information.
© 2008 Lineage Power Corpor ation, (Mesquite, Texas ) All International Rights Res er ved.
Ordering Information (continued)
Optional features may be ordered using the device code suffixes shown below. The feature suffixes are listed
numerically in descending order. Please contact your
Lineage Power Account Manager or Application Engineer
for pricing and availability of options.
Table 7. Option Codes
Option
Device Code Suffix
Output voltage adjustment
9
Short pin: 2.8 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
8
Short pin: 3.7 mm ± 0.25 mm
(0.145 in. ± 0.010 in.)
6
Positive logic remote on/off
4
Synchronization
(cannot be ordered on units
with remote on/off)
3
Negative logic remote on/off
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com