Electronic Components Datasheet Search
  English  ▼

X  

LC010B Datasheet(PDF) 12 Page - General Semiconductor

Part # LC010B
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LC010B Datasheet(HTML) 12 Page - General Semiconductor

Back Button LC010B Datasheet HTML 8Page - General Semiconductor LC010B Datasheet HTML 9Page - General Semiconductor LC010B Datasheet HTML 10Page - General Semiconductor LC010B Datasheet HTML 11Page - General Semiconductor LC010B Datasheet HTML 12Page - General Semiconductor LC010B Datasheet HTML 13Page - General Semiconductor LC010B Datasheet HTML 14Page - General Semiconductor LC010B Datasheet HTML 15Page - General Semiconductor LC010B Datasheet HTML 16Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
12
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Characteristics Curves (continued)
8-1864(C)
Figure 22. LW015A Typical Efficiency vs. Output
Current at TC = 25 °C
8-1863(C)
Figure 23. LW015B, C Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
8-1862(C)
Figure 24. LW010D, 015D Typical Efficiency vs.
Output Current at TC = 25 °C
8-1861(C)
Figure 25. LW015F Typical Efficiency vs. Output
Current at TC = 25 °C
8-1860(C)
Figure 26. LW010A, B, C Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
8-1859(C)
Figure 27. LW010F Typical Efficiency vs. Output
Current at TC = 25 °C
1.0
1.5
2.0
2.5
60
85
OUTPUT CURRENT, IO (A)
75
80
0.0
0.5
3.0
90
70
65
VI = 48 V
VI = 75 V
VI = 36 V
0.33
0.5
0.66
0.83
70
80
NORMALIZED OUTPUT CURRENT (IO/IO, max)
76
78
0.05
0.19
1.0
82
74
72
VI = 48 V
VI = 75 V
VI = 36 V
1.0
1.5
2.0
2.5
10
60
OUTPUT CURRENT, IO (A)
40
50
0.0
0.5
3.0
80
30
20
VI = 48 V
VI = 75 V
VI = 36 V
70
1.0
1.5
2.0
2.5
60
75
OUTPUT CURRENT, IO (A)
65
70
0.0
0.5
3.0
85
VI = 48 V
VI = 75 V
VI = 36 V
80
0.20
0.43
0.57
0.71
70
78
NORMALIZED OUTPUT CURRENT (IO/IO, max )
74
76
0.0
0.14
1.0
82
80
72
0.86
VI = 48 V
VI = 75 V
VI = 36 V
1.0
1.5
2.0
2.5
60
76
OUTPUT CURRENT, IO (A)
72
74
0.0
0.5
80
78
62
VI = 48 V
VI = 75 V
VI = 36 V
64
66
68
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com