Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCP Datasheet(PDF) 6 Page - Analog Devices

Part # AD7265BCP
Description  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 2Page - Analog Devices AD7265BCP Datasheet HTML 3Page - Analog Devices AD7265BCP Datasheet HTML 4Page - Analog Devices AD7265BCP Datasheet HTML 5Page - Analog Devices AD7265BCP Datasheet HTML 6Page - Analog Devices AD7265BCP Datasheet HTML 7Page - Analog Devices AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices AD7265BCP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7265
Rev. A | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
VDRIVE to DGND
−0.3 V to DVDD
VDRIVE to AGND
−0.3 V to AVDD
AVDD to DVDD
−0.3 V to +0.3 V
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to VDRIVE + 0.3 V
VREF to AGND
−0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
LFCSP/TQFP
θJA Thermal Impedance
108.2°C/W (LFCSP)
55°C/W (TQFP)
θJC Thermal Impedance
32.71°C/W (LFCSP)
Lead Temperature, Soldering
Reflow Temperature (10 sec to 30 sec)
255°C
ESD
1.5 kV
1 Transient currents of up to 100 mA will not cause SCR latch up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com