Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCP Datasheet(PDF) 3 Page - Analog Devices

Part # AD7265BCP
Description  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 3 Page - Analog Devices

  AD7265BCP Datasheet HTML 1Page - Analog Devices AD7265BCP Datasheet HTML 2Page - Analog Devices AD7265BCP Datasheet HTML 3Page - Analog Devices AD7265BCP Datasheet HTML 4Page - Analog Devices AD7265BCP Datasheet HTML 5Page - Analog Devices AD7265BCP Datasheet HTML 6Page - Analog Devices AD7265BCP Datasheet HTML 7Page - Analog Devices AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7265
Rev. A | Page 3 of 28
SPECIFICATIONS
TA = TMIN to TMAX, VDD = 2.7 V to 5.25 V, fSCLK = 16 MHz, fS = 1 MSPS, VDRIVE = 2.7 V to 5.25 V; specifications apply using internal
reference or external reference = 2.5 V ± 1%, unless otherwise noted.1
Table 1.
Parameter
Specification
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)2
71
dB min
fIN = 50 kHz sine wave; differential mode
69
dB min
fIN = 50 kHz sine wave; single-ended and
pseudo differential modes
Signal-to-Noise + Distortion Ratio (SINAD)2
70
dB min
fIN = 50 kHz sine wave; differential mode
68
dB min
fIN = 50 kHz sine wave; single-ended and
pseudo differential modes
Total Harmonic Distortion (THD)2
–77
dB max
fIN = 50 kHz sine wave; differential mode
–73
dB max
fIN = 50 kHz sine wave; single-ended and
pseudo differential modes
Spurious-Free Dynamic Range (SFDR)2
–75
dB max
fIN = 50 kHz sine wave
Intermodulation Distortion (IMD)2
fa = 30 kHz, fb = 50 kHz
Second-Order Terms
–88
dB typ
Third-Order Terms
–88
dB typ
Channel-to-Channel Isolation
–88
dB typ
SAMPLE AND HOLD
Aperture Delay3
11
ns max
Aperture Jitter3
50
ps typ
Aperture Delay Matching3
200
ps max
Full Power Bandwidth
33/26
MHz typ
@ 3 dB, VDD = 5 V/VDD = 3 V
3.5/3
MHz typ
@ 0.1 dB, VDD = 5 V/VDD = 3 V
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity2
±1
LSB max
±0.5 LSB typ; differential mode
±1.5
LSB max
±0.5 LSB typ; single-ended and pseudo
differential modes
Differential Nonlinearity2,4
±0.99
LSB max
Differential mode
−0.99/+1.5
LSB max
Single-ended and pseudo differential modes
Straight Binary Output Coding
Offset Error
±6
LSB max
Offset Error Match
±2
LSB typ
Gain Error
±2.5
LSB max
Gain Error Match
±0.5
LSB typ
Twos Complement Output Coding
Positive Gain Error
±2
LSB max
Positive Gain Error Match
±0.5
LSB typ
Zero Code Error
±5
LSB max
Zero Code Error Match
±1
LSB typ
Negative Gain Error
±2
LSB max
Negative Gain Error Match
±0.5
LSB typ
ANALOG INPUT
T
5
Single-Ended Input Range
0 V to VREF
V
RANGE pin low
0 V to 2 × VREF
RANGE pin high
Pseudo Differential Input Range: VIN+ − VIN−6
0 to VREF
V
RANGE pin low
2 × VREF
V
RANGE pin high
Fully Differential Input Range: VIN+ and VIN−
VCM ± VREF/2
V
VCM = common-mode voltage7 = VREF/2
VIN+ and VIN−
VCM ± VREF
V
VCM = VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com