Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCP Datasheet(PDF) 14 Page - Analog Devices

Part # AD7265BCP
Description  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 10Page - Analog Devices AD7265BCP Datasheet HTML 11Page - Analog Devices AD7265BCP Datasheet HTML 12Page - Analog Devices AD7265BCP Datasheet HTML 13Page - Analog Devices AD7265BCP Datasheet HTML 14Page - Analog Devices AD7265BCP Datasheet HTML 15Page - Analog Devices AD7265BCP Datasheet HTML 16Page - Analog Devices AD7265BCP Datasheet HTML 17Page - Analog Devices AD7265BCP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7265
Rev. A | Page 14 of 28
VDD
C1
D
D
VIN+
R1 C2
VDD
C1
D
D
VIN–
R1 C2
Figure 21 shows a graph of the THD vs. the analog input
frequency for various supplies while sampling at 1 MSPS. In this
case, the source impedance is 47 Ω.
INPUT FREQUENCY (kHz)
600
0
200
100
400
300
500
–50
–60
–55
–65
–70
–75
–80
–85
–90
VDD = 3V
SINGLE-ENDED MODE
VDD = 5V
SINGLE-ENDED MODE
VDD = 3V
DIFFERENTIAL MODE
VDD = 5V
DIFFERENTIAL MODE
FSAMPLE = 1MSPS
VDD = 3V/5V
RANGE = 0 TO VREF
Figure 18. Equivalent Analog Input Circuit,
Conversion Phase—Switches Open, Track Phase—Switches Closed
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum source
impedance depends on the amount of THD that can be toler-
ated. The THD increases as the source impedance increases and
performance degrades.
Figure 21. THD vs. Analog Input Frequency for Various Supply Voltages
Figure 19 shows a graph of the THD vs.
the analog input signal frequency for different source impedances
in single-ended mode, while
ANALOG INPUTS
Figure 20 shows the THD vs. the
analog input signal frequency for different source impedances
in differential mode.
The AD7265 has a total of 12 analog inputs. Each on-board
ADC has six analog inputs that can be configured as six single-
ended channels, three pseudo differential channels, or three
fully differential channels. These can be selected as described in
the
INPUT FREQUENCY (kHz)
600
0200
100
400
300
500
–50
–60
–55
–65
–70
–75
–80
–85
–90
FSAMPLE = 1MSPS
VDD = 3V
RANGE = 0V TO VREF
RSOURCE = 0Ω
RSOURCE = 10Ω
RSOURCE = 47Ω
RSOURCE = 100Ω
RSOURCE = 300Ω
Analog Input Selection section.
Single-Ended Mode
The AD7265 can have a total of 12 single-ended analog input
channels. In applications where the signal source has high
impedance, it is recommended to buffer the analog input before
applying it to the ADC. The analog input range can be pro-
grammed to be either 0 to V
or 0 to 2 × V
.
REF
REF
If the analog input signal to be sampled is bipolar, the internal
reference of the ADC can be used to externally bias up this
signal to make it correctly formatted for the ADC. Figure 22
shows a typical connection diagram when operating the ADC
in single-ended mode.
Figure 19. THD vs. Analog Input Frequency for
Various Source Impedances, Single-Ended Mode
VIN
0V
+1.25V
–1.25V
DCAPA/DCAPB
VA1
VB6
R
R
3R
R
0V
+2.5V
0.47µF
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD72651
INPUT FREQUENCY (kHz)
600
0200
100
400
300
500
–60
–65
–70
–75
–80
–85
–90
FSAMPLE = 1MSPS
VDD = 3V
RANGE = 0V TO VREF
RSOURCE = 300Ω
RSOURCE = 0Ω
RSOURCE = 10Ω
RSOURCE = 47Ω
RSOURCE = 100Ω
Figure 22. Single-Ended Mode Connection Diagram
Figure 20. THD vs. Analog Input Frequency for
Various Source Impedances, Differential Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com