Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCP Datasheet(PDF) 18 Page - Analog Devices

Part # AD7265BCP
Description  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 14Page - Analog Devices AD7265BCP Datasheet HTML 15Page - Analog Devices AD7265BCP Datasheet HTML 16Page - Analog Devices AD7265BCP Datasheet HTML 17Page - Analog Devices AD7265BCP Datasheet HTML 18Page - Analog Devices AD7265BCP Datasheet HTML 19Page - Analog Devices AD7265BCP Datasheet HTML 20Page - Analog Devices AD7265BCP Datasheet HTML 21Page - Analog Devices AD7265BCP Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7265
Rev. A | Page 18 of 28
TRANSFER FUNCTIONS
DIGITAL INPUTS
The designed code transitions occur at successive integer LSB
values (1 LSB, 2 LSB, and so on). In single-ended mode, the LSB
size is V
The digital inputs applied to the AD7265 are not limited by the
maximum ratings that limit the analog inputs. Instead, the
digital inputs can be applied up to 7 V and are not restricted by
the V
/4096 when the 0 V to V
REF
REF
range is used, and the LSB
size is 2 × V
/4096 when the 0 V to 2 × V
REF
REF
range is used. In
differential mode, the LSB size is 2 × V
+ 0.3 V limit, as are the analog inputs. See the
DD
Absolute
Maximum Ratings
REF
/4096 when the 0 V to
V
section for more information. Another
advantage of the SCLK, RANGE, A0 to A2, and
REF
range is used, and the LSB size is 4 × VREF/4096 when the
0 V to 2 × V
CS pins not
being restricted by the V
REF
range is used. The ideal transfer characteristic
for the AD7265 when straight binary coding is output is shown
in
DD
+ 0.3 V limit is that power supply
sequencing issues are avoided. If one of these digital inputs is
applied before V
Figure 32, and the ideal transfer characteristic for the AD7265
when twos complement coding is output is shown (with the 2 ×
V
DD
, there is no risk of latch-up, as there would
be on the analog inputs if a signal greater than 0.3 V were
applied prior to V
range) in Figure 33.
REF
DD
.
000...000
111...111
1LSB = VREF/4096
1LSB
VREF – 1LSB
ANALOG INPUT
0V
000...001
000...010
111...110
111...000
011...111
NOTE
1. VREF IS EITHER VREF OR 2 × VREF.
VDRIVE
The AD7265 also has a VDRIVE feature to control the voltage at
which the serial interface operates. VDRIVE allows the ADC to
easily interface to both 3 V and 5 V processors. For example, if
the AD7265 was operated with a V
of 5 V, the V
DD
DRIVE
pin
could be powered from a 3 V supply, allowing a large dynamic
range with low voltage digital processors. Therefore, the
AD7265 could be used with the 2 × V
input range, with a V
REF
DD
of 5 V while still being able to interface to 3 V digital parts.
Figure 32. Straight Binary Transfer Characteristic
100...000
011...111
1LSB = 2
× VREF/4096
+VREF – 1 LSB
–VREF + 1LSB VREF – 1LSB
ANALOG INPUT
100...001
100...010
011...110
000...001
000...000
111...111
Figure 33. Twos Complement Transfer Characteristic with
V
± V
Input Range
REF
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com