Electronic Components Datasheet Search
  English  ▼

X  

AD7265BCP Datasheet(PDF) 12 Page - Analog Devices

Part # AD7265BCP
Description  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265BCP Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7265BCP Datasheet HTML 8Page - Analog Devices AD7265BCP Datasheet HTML 9Page - Analog Devices AD7265BCP Datasheet HTML 10Page - Analog Devices AD7265BCP Datasheet HTML 11Page - Analog Devices AD7265BCP Datasheet HTML 12Page - Analog Devices AD7265BCP Datasheet HTML 13Page - Analog Devices AD7265BCP Datasheet HTML 14Page - Analog Devices AD7265BCP Datasheet HTML 15Page - Analog Devices AD7265BCP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7265
Rev. A | Page 12 of 28
The AD7265 is tested using the CCIF standard where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves, while the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second-order and third-order terms are
specified separately. The calculation of the intermodulation
distortion is as per the THD specification, where it is the ratio
of the rms sum of the individual distortion products to the rms
amplitude of the sum of the fundamentals expressed in dBs.
Thermal Hysteresis
Thermal hysteresis is defined as the absolute maximum change
of reference output voltage after the device is cycled through
temperature from either
T_HYS+ = +25°C to TMAX to +25°C
or
T_HYS− = +25°C to TMIN to +25°C
It is expressed in ppm by
6
10
)
C
25
(
)
_
(
)
C
25
(
)
(
×
°
−
°
=
REF
REF
REF
HYS
V
HYS
T
V
V
ppm
V
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output at
full-scale frequency, f, to the power of a 100 mV p-p sine wave
applied to the common-mode voltage of V
where:
V
and V
IN+
IN−
of
frequency f
REF
(25°C) is VREF at 25°C.
V
S
as
REF
(T_HYS) is the maximum change of VREF at T_HYS+ or
T_HYS−.
CMRR (dB) = 10 log(Pf/PfS)
where:
Pf is the power at frequency f in the ADC output.
f
P S is the power at frequency fS in the ADC output.
Power Supply Rejection Ratio (PSRR)
Variations in power supply affect the full-scale transition but
not the converter’s linearity. PSRR is the maximum change in
the full-scale transition point due to a change in power supply
voltage from the nominal value (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com