| Electronic Components Datasheet Search |
|
EP3C5 Datasheet(PDF) 16 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3C5 Datasheet(HTML) 16 Page - Altera Corporation |
|
16 / 274 page ![]() 1–4 Chapter 1: Cyclone III Device Family Overview Cyclone III Device Family Features Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 Table 1–2 lists Cyclone III device family package options, I/O pins, and differential channel counts. Table 1–2. Cyclone III Device Family Package Options, I/O pin and Differential Channel Counts (1), (2), (3), (4), (5) Family Package E144 (7) M164 P240 F256 U256 F324 F484 U484 F780 Cyclone III (8) EP3C5 94, 22 106, 28 — 182, 68 182, 68 — — — — EP3C10 94, 22 106, 28 — 182, 68 182, 68 — — — — EP3C16 84, 19 92, 23 160, 47 168, 55 168, 55 — 346, 140 346, 140 — EP3C25 82, 18 — 148, 43 156, 54 156, 54 215, 83 — — — EP3C40 — — 128, 26 — — 195, 61 331, 127 331, 127 535, 227 (6) EP3C55 — — — — — — 327, 135 327, 135 377, 163 EP3C80 — — — — — — 295, 113 295, 113 429, 181 EP3C120 — — — — — — 283, 106 — 531, 233 Cyclone III LS EP3CLS70 — — — — — — 294, 113 294, 113 429, 181 EP3CLS100 — — — — — — 294, 113 294, 113 429, 181 EP3CLS150 — — — — — — 226, 87 — 429, 181 EP3CLS200 — — — — — — 226, 87 — 429, 181 Notes to Table 1–2: (1) For each device package, the first number indicates the number of the I/O pin; the second number indicates the differential channel count. (2) For more information about device packaging specifications, refer to the Cyclone III Package and Thermal Resistance webpage. (3) The I/O pin numbers are the maximum I/O counts (including clock input pins) supported by the device package combination and can be affected by the configuration scheme selected for the device. (4) All packages are available in lead-free and leaded options. (5) Vertical migration is not supported between Cyclone III and Cyclone III LS devices. (6) The EP3C40 device in the F780 package supports restricted vertical migration. Maximum user I/Os are restricted to 510 I/Os if you enable migration to the EP3C120 and are using voltage referenced I/O standards. If you are not using voltage referenced I/O standards, you can increase the maximum number of I/Os. (7) The E144 package has an exposed pad at the bottom of the package. This exposed pad is a ground pad that must be connected to the ground plane on your PCB. Use this exposed pad for electrical connectivity and not for thermal purposes. (8) All Cyclone III device UBGA packages are supported by the Quartus II software version 7.1 SP1 and later, with the exception of the UBGA packages of EP3C16, which are supported by the Quartus II software version 7.2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |