Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8950
Description  2 쨈 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 7Page - NXP Semiconductors TDA8950 Datasheet HTML 8Page - NXP Semiconductors TDA8950 Datasheet HTML 9Page - NXP Semiconductors TDA8950 Datasheet HTML 10Page - NXP Semiconductors TDA8950 Datasheet HTML 11Page - NXP Semiconductors TDA8950 Datasheet HTML 12Page - NXP Semiconductors TDA8950 Datasheet HTML 13Page - NXP Semiconductors TDA8950 Datasheet HTML 14Page - NXP Semiconductors TDA8950 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
11 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
8.3.4 Supply voltage protection
If the supply voltage drops below the minimum supply voltage threshold, VP(uvp), the UVP
circuit will be activated and the system will shut down. Once the supply voltage rises
above VP(uvp) again, the system will restart after a delay of 100 ms.
If the supply voltage exceeds the maximum supply voltage threshold, VP(ovp), the OVP
circuit will be activated and the power stages will be shut down. When the supply voltage
drops below VP(ovp) again, the system will restart after a delay of 100 ms.
An additional UnBalance Protection (UBP) circuit compares the positive analog supply
voltage (on pin VDDA) with the negative analog supply voltage (on pin VSSA) and is
triggered if the voltage difference exceeds a factor of two (VDDA > 2 ×|VSSA| OR |VSSA| >
2
× V
DDA). When the supply voltage difference drops below the unbalance threshold,
VP(ubp), the system restarts after 100 ms.
An overview of all protection circuits and their respective effects on the output signal is
provided in Table 5.
[1]
Amplifier gain depends on the junction temperature and heatsink size.
[2]
The amplifier shuts down completely only if the short-circuit impedance is below the impedance threshold
(Zth; see Section 8.3.2). In all other cases, current limiting results in a clipped output signal.
[3]
Fault condition detected during any Standby-to-Mute transition or during a restart after OCP has been
activated (short-circuit to one of the supply lines).
8.4 Differential audio inputs
The audio inputs are fully differential ensuring a high common mode rejection ratio and
maximum flexibility in the application.
• Stereo operation: to avoid acoustical phase differences, the inputs should be in
antiphase and the speakers should be connected in antiphase. This configuration:
– minimizes power supply peak current
– minimizes supply pumping effects, especially at low audio frequencies
• Mono BTL operation: the inputs must be connected in anti-parallel. The output of one
channel is inverted and the speaker load is connected between the two outputs of the
TDA8950. In practice (because of the OCP threshold) the output power can be
boosted to twice the output power that can be achieved with the single-ended
configuration.
The input configuration for a mono BTL application is illustrated in Figure 7.
Table 5.
Overview of TDA8950 protection circuits
Protection name
Complete
shutdown
Restart directly
Restart after
100 ms
Pin PROT
detection
TFB[1]
NNNN
OTP
Y
N
Y
N
OCP
Y[2]
N[2]
Y[2]
Y
WP
N[3]
YN
N
UVP
YN
YN
OVP
Y
N
Y
N
UBP
YN
YN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com