Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA8950
Description  2 쨈 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 29Page - NXP Semiconductors TDA8950 Datasheet HTML 30Page - NXP Semiconductors TDA8950 Datasheet HTML 31Page - NXP Semiconductors TDA8950 Datasheet HTML 32Page - NXP Semiconductors TDA8950 Datasheet HTML 33Page - NXP Semiconductors TDA8950 Datasheet HTML 34Page - NXP Semiconductors TDA8950 Datasheet HTML 35Page - NXP Semiconductors TDA8950 Datasheet HTML 36Page - NXP Semiconductors TDA8950 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
33 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
Fig 29. Package outline SOT566-3 (HSOP24)
UNIT
A4
(1)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
03-02-18
03-07-23
IEC
JEDEC
JEITA
mm
+0.08
−0.04
3.5
0.35
DIMENSIONS (mm are the original dimensions)
Notes
1. Limits per individual lead.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT566-3
0
5
10 mm
scale
HSOP24: plastic, heatsink small outline package; 24 leads; low stand-off height
SOT566-3
A
max.
detail X
A2
3.5
3.2
D2
1.1
0.9
HE
14.5
13.9
Lp
1.1
0.8
Q
1.7
1.5
2.7
2.2
v
0.25
w
0.25
yZ
8
°
0
°
θ
0.07
x
0.03
D1
13.0
12.6
E1
6.2
5.8
E2
2.9
2.5
bp
c
0.32
0.23
e
1
D(2)
16.0
15.8
E(2)
11.1
10.9
0.53
0.40
A3
A4
A2
(A3)
Lp
θ
A
Q
D
y
x
HE
E
c
v M A
X
A
bp
w M
Z
D1
D2
E2
E1
e
24
13
1
12
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com