Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8950
Description  2 쨈 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 15Page - NXP Semiconductors TDA8950 Datasheet HTML 16Page - NXP Semiconductors TDA8950 Datasheet HTML 17Page - NXP Semiconductors TDA8950 Datasheet HTML 18Page - NXP Semiconductors TDA8950 Datasheet HTML 19Page - NXP Semiconductors TDA8950 Datasheet HTML 20Page - NXP Semiconductors TDA8950 Datasheet HTML 21Page - NXP Semiconductors TDA8950 Datasheet HTML 22Page - NXP Semiconductors TDA8950 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
19 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
13.5 Heatsink requirements
An external heatsink must be connected to the TDA8950.
Equation 5 defines the relationship between maximum power dissipation before activation
of TFB and total thermal resistance from junction to ambient.
(5)
Power dissipation (P) is determined by the efficiency of the TDA8950. Efficiency
measured as a function of output power is given in Figure 20. Power dissipation can be
derived as a function of output power as shown in Figure 19.
(1) Rth(j-a) = 5 K/W.
(2) Rth(j-a) = 10 K/W.
(3) Rth(j-a) = 15 K/W.
(4) Rth(j-a) = 20 K/W.
(5) Rth(j-a) = 35 K/W.
Fig 9.
Derating curves for power dissipation as a function of maximum ambient
temperature
R
th ja
–
()
T
j
T
amb
–
P
------------------------
=
P
(W)
30
20
10
0
Tamb (°C)
(1)
(2)
(3)
(4)
(5)
0
20
100
40
60
80
mbl469



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com