Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA8950
Description  2 쨈 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 25Page - NXP Semiconductors TDA8950 Datasheet HTML 26Page - NXP Semiconductors TDA8950 Datasheet HTML 27Page - NXP Semiconductors TDA8950 Datasheet HTML 28Page - NXP Semiconductors TDA8950 Datasheet HTML 29Page - NXP Semiconductors TDA8950 Datasheet HTML 30Page - NXP Semiconductors TDA8950 Datasheet HTML 31Page - NXP Semiconductors TDA8950 Datasheet HTML 32Page - NXP Semiconductors TDA8950 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
29 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
VP = ±35 V, fosc = 345 kHz, Vi = 100 mV, Ci = 330 pF, LLC = 15 µH, CLC = 680 nF.
(1) 1
× 8 Ω BTL configuration.
(2) 2
× 4 Ω SE configuration.
(3) 2
× 6 Ω SE configuration.
(4) 2
× 8 Ω SE configuration.
Fig 23. Closed-loop voltage gain as a function of frequency
Ripple on VDD, short on input pins.
VP = ±35 V, fosc = 345 kHz, RL = 4 Ω, Vripple = 2 V (p-p).
(1) Mute mode.
(2) Operating mode.
(3) Standby mode.
Fig 24. SVRR as a function of ripple frequency, ripple on VDD
001aai709
fi (Hz)
10
105
104
102
103
30
35
25
40
45
Gv(cl)
(dB)
20
(1)
(2)
(3)
(4)
001aai710
fripple (Hz)
10
105
104
102
103
−100
−80
−60
−40
−20
SVRR
(dB)
−140
−120
(3)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com