Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA8950
Description  2 쨈 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 24Page - NXP Semiconductors TDA8950 Datasheet HTML 25Page - NXP Semiconductors TDA8950 Datasheet HTML 26Page - NXP Semiconductors TDA8950 Datasheet HTML 27Page - NXP Semiconductors TDA8950 Datasheet HTML 28Page - NXP Semiconductors TDA8950 Datasheet HTML 29Page - NXP Semiconductors TDA8950 Datasheet HTML 30Page - NXP Semiconductors TDA8950 Datasheet HTML 31Page - NXP Semiconductors TDA8950 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
TDA8950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 June 2009
28 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
Infinite heat sink used.
fi = 1 kHz, fosc = 345 kHz.
(1) THD + N = 10 %, 4
Ω.
(2) THD + N = 0.5 %, 4
Ω; THD + N = 10 %, 6 Ω.
(3) THD + N = 10 %, 8
Ω; THD + N = 0.5 %, 6 Ω
(4) THD + N = 0.5 %, 8
Ω.
Fig 21. Output power as a function of supply voltage, SE configuration
Infinite heat sink used.
fi = 1 kHz, fosc = 345 kHz.
(1) THD + N = 10 %, 8
Ω.
(2) THD + N = 0.5 %, 8
Ω.
(3) THD + N = 10 %, 16
Ω.
(4) THD + N = 0.5 %, 16
Ω.
Fig 22. Output power as a function of supply voltage, BTL configuration
Vp (V)
12.5
40
32.5
30
22.5
25
15
17.5
20
37.5
35
27.5
001aai707
60
20
100
120
140
160
200
40
80
180
Po
(W)
0
(1)
(2)
(3)
(4)
Vp (V)
12.5
40
32.5
30
22.5
25
15
17.5
20
37.5
35
27.5
001aai708
150
50
250
350
100
200
300
Po
(W)
0
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com