Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8950
Description  2 쨈 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 18Page - NXP Semiconductors TDA8950 Datasheet HTML 19Page - NXP Semiconductors TDA8950 Datasheet HTML 20Page - NXP Semiconductors TDA8950 Datasheet HTML 21Page - NXP Semiconductors TDA8950 Datasheet HTML 22Page - NXP Semiconductors TDA8950 Datasheet HTML 23Page - NXP Semiconductors TDA8950 Datasheet HTML 24Page - NXP Semiconductors TDA8950 Datasheet HTML 25Page - NXP Semiconductors TDA8950 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
(1) The value of CPROT can be in the range 10 pF to 220 pF (see Section 8.3.2)
Fig 10. Typical application diagram
010aaaxxx
CIN
IN1P
IN1
+
−
+
−
IN2
IN1M
SGND
2
3
19
22
21
20
18
470 nF
470 nF
CIN
CIN
IN2P
IN2M
470 nF
470 nF
CIN
220 nF
VDDA
VSSA
17
7
VSSP
13
14
15
VSSP
OUT2
BOOT2
16
VDDP
CVDDA
220 nF
CVSSA
100 nF
CVDDP
15 nF
CBO
100 nF
CVSSP
100 nF
CVP
VSSP
VSSP
VSSP
VDDP
VDDP
VDDP
+
−
+
−
11
8
23
mode
control
1
6
4
n.c.
5
n.c. n.c.
100 nF
CVDDP
100 nF
CVSSP
100 nF
CVP
CPROT(1)
VSSA
12
CSTAB
470 nF
ROSC
30 k
Ω
10
9
OUT1
BOOT1
15 nF
CBO
LLC
VSSA
RVDDA
10
Ω
RVSSA
10
Ω
CVP
22
µF
CVDDP
470
µF
CVSSP
470
µF
GND
VDDP
VSSP
VDDA
VDDP
VSSP
VSSA
RSN
10
Ω
RSN
10
Ω
CSN
220 pF
CSN
220 pF
CSN
220 pF
CLC
CLC
CSN
220 pF
RZO
22
Ω
CZO
100 nF
RZO
22
Ω
CZO
100 nF
LOAD
LLC
CLC
3
Ω to 6 Ω
15
µH
680 nF
4
Ω to 8 Ω
22
µH
470 nF
SINGLE-ENDED
OUTPUT FILTER VALUES
TDA8950J
LLC
SGND
mode control
mute/
operating
10
µF
5.6 k
Ω
+5 V
470
Ω
standby/
operating
5.6 k
Ω
T2
HFE > 80
T1
HFE > 80
470 k
Ω
+5 V
470 k
Ω
10 k
Ω
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com