Electronic Components Datasheet Search
  English  ▼

X  

11242 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 11242 Datasheet HTML 39Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 40Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 41Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 42Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 43Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 44Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 45Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 46Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
2- 9
2.10.2 Crystal Oscillator (EXTAL, XTAL)
These two pins are the connections for an external crystal to the internal oscillator circuit.
If an external oscillator is used, it should be connected to EXTAL, with XTAL left open.
2.10.3 External Filter Capacitor (XFC)
This pin is used to add an external capacitor to the filter circuit of the phase-locked loop.
The capacitor should be connected between XFC and VCCSYN.
2.10.4 Clock Mode Select (MODCK)
This pin selects the source of the internal system clock during reset. After reset, it can be
programmed to be port B parallel I/O.
MODCK
The state of this active-high input signal during reset selects the source of the internal
system clock. If MODCK is high during reset, the internal voltage-controlled oscillator
(VCO) furnishes the system clock in crystal mode. If MODCK is low during reset, an
external clock source at the EXTAL pin furnishes the system clock output in external
clock mode.
Port B0
This pin can be used as a port B parallel I/O.
2.11 INSTRUMENTATION AND EMULATION SIGNALS
These signals are used for test or software debugging. See Section 5 CPU32 for more
information on these signals and background debug mode.
2.11.1 Instruction Fetch
(IFETCH)
This pin functions as
IFETCH in normal operation and as DSI in background debug mode.
IFETCH
This active-low output signal indicates when the CPU32 is performing an instruction
word prefetch and when the instruction pipeline has been flushed.
DSI
This development serial input signal helps to provide serial communications for
background debug mode.
2.11.2 Instruction Pipe
(IPIPE)
This pin functions as
IPIPE in normal operation and as DSO in background debug mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com