Electronic Components Datasheet Search
  English  ▼

X  

11242 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button 11242 Datasheet HTML 48Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 49Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 50Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 51Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 52Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 53Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 54Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 55Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 3
Table 3-1. SIZx Signal Encoding
SIZ1
SIZ0
Transfer Size
0
1
Byte
1
0
Word
1
1
Three Bytes
0
0
Long Word
3.1.2 Function Code Signals
FC3–FC0 are outputs that indicate one of 16 address spaces to which the address
applies. Fifteen of these spaces are designated as either user or supervisor, program or
data, and normal or direct memory access (DMA) spaces. One other address space is
designated as CPU space to allow the CPU32 to acquire specific control information not
normally associated with read or write bus cycles. FC3–FC0 are valid while
AS is
asserted.
Function codes (see Table 3-2) can be considered as extensions of the 32-bit address
that can provide up to 16 different 4-Gbyte address spaces. Function codes are
automatically generated by the CPU32 to select address spaces for data and program at
both user and supervisor privilege levels, a CPU address space for processor functions,
and an alternate master address space. User programs access only their own program
and data areas to increase protection of system integrity and can be restricted from
accessing other information. The S-bit in the CPU32 status register is set for supervisor
accesses and cleared for user accesses to provide differentiation. Refer to 3.4 CPU
Space Cycles for more information.
Table 3-2. Address Space Encoding
Function Code Bits
3210
Address Spaces
0000
Reserved (Motorola)
0001
User Data Space
0010
User Program Space
0011
Reserved (User )
0100
Reserved (Motorola)
0101
Supervisor Data Space
0110
Supervisor Program Space
0111
CPU Space
1
x
x
x
DMA Space
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com