Electronic Components Datasheet Search
  English  ▼

X  

11242 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 11242 Datasheet HTML 13Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 14Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 15Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 16Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 17Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 18Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 19Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 20Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev.1.0
xvi
MC68340 USER'S MANUAL
MOTOROLA
TABLE OF CONTENTS (Concluded)
Paragraph
Page
Number
Title
Number
10.1.2
Reset Circuitry .............................................................................................10-3
10.1.3
SRAM Interface ...........................................................................................10-3
10.1.4
ROM Interface..............................................................................................10-4
10.1.5
Serial Interface............................................................................................10-4
10.2
Memory Interface Information.......................................................................10-5
10.2.1
Using an 8-Bit Boot ROM...........................................................................10-5
10.2.2
Access Time Calculations.........................................................................10-6
10.2.3
Calculating Frequency-Adjusted Output ................................................10-7
10.2.4
Interfacing an 8-Bit Device to 16-Bit Memory Using
Single-Address DMA Mode..................................................................10-10
10.3
Power Consumption Considerations..........................................................10-10
10.3.1
MC68340 Power Reduction at 5V ..........................................................10-11
10.3.2
MC68340V (3.3 V) .....................................................................................10-13
Section 11
Electrical Characteristics
11.1
Maximum Rating .............................................................................................11-1
11.2
Thermal Characteristics.................................................................................11-1
11.3
Power Considerations ...................................................................................11-2
11.4
AC Electrical Specification Definitions .......................................................11-2
11.5
DC Electrical Specifications .........................................................................11-5
11.6
AC Electrical Specifications Control Timing..............................................11-6
11.7
AC Timing Specifications..............................................................................11-8
11.8
DMA Module AC Electrical Specifications.................................................11-19
11.9
Timer Module Electrical Specifications ......................................................11-20
11.10
Serial Module Electrical Specifications......................................................11-22
11.11
IEEE 1149.1 Electrical Specifications.........................................................11-25
Section 12
Ordering Information and Mechanical Data
12.1
Standard MC68340 Ordering Information .................................................12-1
12.2
Pin Assignment ...............................................................................................12-2
12.2.1
144-Lead Ceramic Quad Flat Pack (FE Suffix).....................................12-2
12.2.2
145-Lead Plastic Pin Grid Array (RP Suffix) ..........................................12-4
12.3
Package Dimensions.....................................................................................12-6
12.3.1
FE Suffix .......................................................................................................12-6
12.3.2
RP Suffix.......................................................................................................12-7
Index
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com