Electronic Components Datasheet Search
  English  ▼

X  

11242 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 11242 Datasheet HTML 79Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 80Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 81Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 82Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 83Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 84Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 85Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 86Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 441 page
background image
3- 34
MC68340 USER’S MANUAL
MOTOROLA
3.5.1 Bus Errors
BERR can be used to abort the bus cycle and the instruction being executed. BERR takes
precedence over
DSACK
≈ provided it meets the timing constraints described in Section
11 Electrical Characteristics. If
BERR does not meet these constraints, it may cause
unpredictable operation of the MC68340. If
BERR remains asserted into the next bus
cycle, it may cause incorrect operation of that cycle. When
BERR is issued to terminate a
bus cycle, the MC68340 can enter exception processing immediately following the bus
cycle, or it can defer processing the exception.
The instruction prefetch mechanism requests instruction words from the bus controller
before it is ready to execute them. If a bus error occurs on an instruction fetch, the
MC68340 does not take the exception until it attempts to use that instruction word. Should
an intervening instruction cause a branch or should a task switch occur, the bus error
exception does not occur. The bus error condition is recognized during a bus cycle in any
of the following cases:
•
DSACK
≈ and HALT are negated, and BERR is asserted.
•
HALT and BERR are negated, and DSACK
≈ is asserted. BERR is then asserted
within one clock cycle (
HALT remains negated).
•
BERR and HALT are asserted simultaneously, indicating a retry.
When the MC68340 recognizes a bus error condition, it terminates the current bus cycle in
the normal way. Figure 3-17 shows the timing of a bus error for the case in which
DSACK
≈ is not asserted. Figure 3-18 shows the timing for a bus error that is asserted
after
DSACK
≈. Exceptions are taken in both cases. Refer to Section 5 CPU32 for details
of bus error exception processing.
In the second case, in which
BERR is asserted after DSACK
≈ is asserted, BERR must be
asserted within the time specified for purely asynchronous operation, or it must be
asserted and remain stable during the sample window around the next falling edge of the
clock after
DSACK
≈ is recognized. If BERR is not stable at this time, the MC68340 may
exhibit erratic behavior.
BERR has priority over DSACK
≈. In this case, data may be
present on the bus, but it may not be valid. This sequence can be used by systems that
have memory error detection and correction logic and by external cache memories.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com