Electronic Components Datasheet Search
  English  ▼

X  

11242 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button 11242 Datasheet HTML 81Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 82Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 83Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 84Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 85Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 86Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 87Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 88Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 441 page
background image
3- 36
MC68340 USER’S MANUAL
MOTOROLA
S0
S2
S4
S0
S2
S4
INTERNAL
PROCESSING
STACK
WRITE
WRITE
CYCLE
CLKOUT
DSACKx
R/W
AS
DS
BERR
FC3–FC0
D15–D0
A31–A0
Figure 3-18. Late Bus Error with
DSACK
≈
3.5.2 Retry Operation
When both
BERR and HALT are asserted by an external device during a bus cycle, the
MC68340 enters the retry sequence shown in Figure 3-19. A delayed retry, which is
similar to the delayed
BERR signal described previously, can also occur (see Figure 3-20).
The MC68340 terminates the bus cycle, places the control signals in their inactive state,
and does not begin another bus cycle until the
BERR and HALT signals are negated by
external logic. After a synchronization delay, the MC68340 retries the previous cycle using
the same access information (address, function code, size, etc.).
BERR should be negated
before S2 of the retried cycle to ensure correct operation of the retried cycle.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com