Electronic Components Datasheet Search
  English  ▼

X  

11242 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # 11242
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

11242 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button 11242 Datasheet HTML 68Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 69Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 70Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 71Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 72Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 73Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 74Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 75Page - Freescale Semiconductor, Inc 11242 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 23
3.4.2 LPSTOP Broadcast Cycle
The low power stop (LPSTOP) broadcast cycle is generated by the CPU32 executing the
LPSTOP instruction. Since the external bus interface must get a copy of the interrupt
mask level from the CPU32, the CPU32 performs a CPU space type 3 write with the mask
level encoded on the data bus, as shown in the following figure. The CPU space type 3
cycle waits for the bus to be available, and is shown externally to indicate to external
devices that the MC68340 is going into LPSTOP mode. If an external device requires
additional time to prepare for entry into LPSTOP mode, entry can be delayed by asserting
HALT. The SIM40 provides internal DSACK
≈ response to this cycle. For more information
on how the SIM40 responds to LPSTOP mode, see Section 4 System Integration
Module.
15
14
13
12
11
10
9876543210
—————————————
I2
I1
I0
I2–I0—Interrupt Mask Level
The interrupt mask level is encoded on bits 2–0 of the data bus during an LPSTOP
broadcast.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com