Electronic Components Datasheet Search
  English  ▼

X  

AS3661 Datasheet(PDF) 15 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 15 Page - ams AG

Back Button AS3661 Datasheet HTML 11Page - ams AG AS3661 Datasheet HTML 12Page - ams AG AS3661 Datasheet HTML 13Page - ams AG AS3661 Datasheet HTML 14Page - ams AG AS3661 Datasheet HTML 15Page - ams AG AS3661 Datasheet HTML 16Page - ams AG AS3661 Datasheet HTML 17Page - ams AG AS3661 Datasheet HTML 18Page - ams AG AS3661 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
14 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS3661 is a fully integrated lighting management unit for producing lighting effects for mobile devices. The
AS3661 includes all necessary power management, high-side current sources, temperature compensation, two wire
control interface and programmable pattern generators. The overall maximum current for each driver is set by an 8-bit
register. The AS3661 controls LED luminance with a pulse width modulation (PWM) scheme with a resolution of 12
bits. The temperature compensation is also done by a PWM.
8.1 Programming
The AS3661 provides flexibility and programmability for dimming and sequencing control. Each LED can be controlled
directly and independently through the serial bus or LED drivers can be grouped together for pre-programmed flashing
patterns. The AS3661 has three independent program execution engines, so it is possible to form three independently
programmable LED banks. LED drivers can be grouped based on their function so that, for example, the first bank of
drivers can be assigned to the keypad illumination, the second bank to the “funlights” and the third group to the
indicator LED(s). Each bank can contain 1 to 9 LED driver outputs. Instructions for program execution engines are
stored in the program memory. The total amount of the program memory is 96 instructions and the user can allocate
the memory as required by the engines.
8.2 LED Error Detection
AS3661 has a built-in LED error detection. Error detection does not only detect open and short circuit, but provides an
opportunity to measure the VF’s of the LEDs. The test event is activated by a serial interface write and the result can be
read through the serial interface during the next cycle. This feature can also be addressed to measure the voltage on
VBAT, VCP and INT pins. Typical example usage includes monitoring battery voltage or using INT pin as a light sensor
interface.
8.3 Energy Efficiency
When charge pump automatic mode selection is enabled, the AS3661 monitors the voltage over the drivers of LED1 to
LED6 so that the device can select the best charge pump gain and maintain good efficiency over the whole operating
voltage range. The red LED element of an RGB LED typically has a forward voltage of about 2V. For that reason, the
outputs LED7, LED8 and LED9 are internally powered by VBAT, since battery voltage is high enough to drive red LEDs
over the whole operating voltage range. This allows to drive three RGB LEDs with good efficiency because the red
LEDs doesn't load the charge pump. AS3661 is able to automatically enter power-save mode, when LED outputs are
not active and thus lowering idle current consumption down to 10 µA (typ.). During the “downtime” of the PWM cycle
(constant current output status is low) additional power savings can be achieved when the PWM power save feature is
enabled.
8.4 Temperature Compensation
The luminance of an LED is typically a function of its temperature even though the current flowing through the LED
remains constant. Since luminance is temperature dependent, many LED applications require some form of
temperature compensation to decrease luminance and color purity variations due to temperature changes. The
AS3661 has a build in temperature sensing element and PWM duty cycle of the LED drivers changes linearly in
relationship to changes in temperature. User can select the slope of the graph (31 slopes) based on the LED
characteristics. This compensation can be done either constantly, or only right after when the device wakes up from
power save mode, to avoid error due to self-heating of the device. Linear compensation is considered to be practical
and accurate enough for most LED applications. Compensation is effective over the temperature range from -40°C to
+90°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com