Electronic Components Datasheet Search
  English  ▼

X  

AS3661 Datasheet(PDF) 52 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 52 Page - ams AG

Back Button AS3661 Datasheet HTML 48Page - ams AG AS3661 Datasheet HTML 49Page - ams AG AS3661 Datasheet HTML 50Page - ams AG AS3661 Datasheet HTML 51Page - ams AG AS3661 Datasheet HTML 52Page - ams AG AS3661 Datasheet HTML 53Page - ams AG AS3661 Datasheet HTML 54Page - ams AG AS3661 Datasheet HTML 55Page - ams AG AS3661 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
51 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.8 MISC
This register contains miscellaneous control bits like the clock detection. Program execution is clocked with internal
32.7 kHz clock or with external clock. External clock can be used if a clock signal is present on CLK-pin. The external
clock frequency must be 32.7 kHz in oder to meet the timing specifications of the datasheet and for correct operation.
If a higher or a lower frequency is used, it will affect on the program execution engine operation speed. The detector
block does not limit the maximum frequency. External clock status can be checked with read only bit EXT_CLK_USED
in register address 3A, when the external clock detection is enabled (Bit [1] CLK_DET_EN = high).
If external clock is not used in the application, CLK pin should be connected to GND to avoid oscillation on this pin and
extra current consumption.
Table 41. OUTPUT ON/OFF CONTROL LSB Register
Register: 0x05
OUTPUT ON/OFF CONTROL LSB
Bit
Bit Name
Default
Access
Bit Description
7
VARIABLE_D_SEL
0
R/W
The variable D can be linked to two different sources. The
default source for variable D is register 0x3C but it can be
assigned to the LED test ADC output. This allows, for example,
program execution control with an analog signal.
0: variable D source is register 0x3C
1: variable D source is LED test ADC.
6
EN_AUTO_INCR
1
R/W
The automatic increment feature of the serial bus address
enables a quick memory write of successive registers within
one transmission.
0: serial bus address automatic increment is disabled.
1: serial bus address automatic increment is enabled.
5
POWERSAVE_EN
0
R/W
Please refer to section 8.14.9 for a detailed description of the
powersave mode of AS3661.
0: power save mode is disabled.
1: power save mode is enabled.
4:3
CP_MODE
00
R/W
This register bits control the operation mode of the integrated
charge pump. The charge pump can be switched off, forced to
bypass mode, forced to 1.5x mode and automatic operation.
00: CP is switched off.
01: CP is forced to bypass mode (1x).
10: CP is forced to 1.5x mode (output voltage is 4.5V)
11: CP is in automatic mode depending on load conditions
2
PWM_PS_EN
0
R/W
For a detailed description of this power save mode please refer
to section 8.14.10. This mode can only be used if the CP is in
off mode or 1x mode.
0: PWM power save mode disabled.
1: PWM power save mode enabled.
1
CLK_DET_EN
00
R/W
The following bits define the clock selection of AS3661.
00: forced external clock (CLK pin).
01: forced internal clock.
10: automatic clock selection.
11: internal clock.
0
INT_CLK_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com