Electronic Components Datasheet Search
  English  ▼

X  

AS3661 Datasheet(PDF) 31 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 31 Page - ams AG

Back Button AS3661 Datasheet HTML 27Page - ams AG AS3661 Datasheet HTML 28Page - ams AG AS3661 Datasheet HTML 29Page - ams AG AS3661 Datasheet HTML 30Page - ams AG AS3661 Datasheet HTML 31Page - ams AG AS3661 Datasheet HTML 32Page - ams AG AS3661 Datasheet HTML 33Page - ams AG AS3661 Datasheet HTML 34Page - ams AG AS3661 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
30 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
3D
RESET
[7:0]
R/W
00000011
RESET
Writing 11111111 into this register resets the
AS3661
3E
TEMP ADC
CONTROL
[7]
R
0xxxxxxx
TEMP_MEAS_BUSY
Indicates when temperature measurement is
active
[2]
R/W
xxxxx0xx
EN_TEMP_SENSOR
Reads the internal temperature sensor once
[1]
xxxxxx0x
CONTINUOUS_CONV
Continuous temperature measurement
selection
[0]
xxxxxxx0
SEL_EXT_TEMP
Internal/external temperature sensor
selection
3F
TEMPERATURE
READ
[7:0]
R
00011001
TEMPERATURE
Bits for temperature information
40
TEMPERATURE
WRITE
[7:0]
R/W
0000000
TEMPERATURE
Bits for temperature information
41
LED TEST
CONTROL
[7]
R/W
0xxxxxxx
EN_LED_TEST_ADC
[6]
x0xxxxxx
EN_LED_TEST_INT
[5]
xx0xxxxx
CONTINUOUS_CONV
Continuous LED test measurement selection
[4:0]
xxx00000
LED_TEST_CTRL
Control bits for LED test
42
LED TEST ADC
[7:0]
R
N/A
LED_TEST_ADC
LED test result
43
[7:0]
reserved
44
[7:0]
reserved
45
ENGINE1
VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE1
46
ENGINE2
VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE2
47
ENGINE3
VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE3
48
MASTER FADER1
[7:0]
R/W
00000000
MASTER FADER 1
49
MASTER FADER2
[7:0]
R/W
00000000
MASTER FADER 2
4A
MASTER FADER3
[7:0]
R/W
00000000
MASTER FADER 3
4B
[7:0]
reserved
4C
ENG1 PROG
START ADDR
[6:0]
R/W
x0000000
Engine 1 program start address
4D
ENG2 PROG
START ADDR
[6:0]
R/W
x0001000
Engine 2 program start address
4E
ENG3 PROG
START ADDR
[6:0]
R/W
x0010000
Engine 3 program start address
4F
PROG MEM PAGE
SEL
[2:0]
R/W
xxxxx000
PAGE_SEL
Table 7. Description of Registers
Hex
Address
Register Name
Bit(s)
Type
Default Value
After Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com