Electronic Components Datasheet Search
  English  ▼

X  

DOC7707 Datasheet(PDF) 189 Page - List of Unclassifed Manufacturers

Part # DOC7707
Description  Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC7707 Datasheet(HTML) 189 Page - List of Unclassifed Manufacturers

Back Button DOC7707 Datasheet HTML 185Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 186Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 187Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 188Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 189Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 190Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 191Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 192Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 193Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 307 page
background image
189
7707F–AVR–11/10
AT90USB82/162
Each of these interupts are time-relative events that will be detected only if the USB clock is
enabled (FRZCLK bit cleared), except for the WAKEUP interrupt that will trigger each time a
state change is detected on the data lines.
This asynchronous interrupt WAKEUP allows to wake-up a device that is in power-down mode,
generally after that the USB has entered the Suspend state.
Figure 19-10. USB Endpoint Interrupt vector sources
Each endpoint has 8 interrupts sources associated with flags, and each source can be enabled
or not to trigger the corresponding endpoint interrupt.
If, for an endpoint, at least one of the sources is enabled to trigger interrupt, the corresponding
event(s) will make the program branch to the USB Endpoint Interrupt vector. The user may
determine the source (endpoint) of the interrupt by reading the UEINT register, and then handle
the event detected by polling the different flags.
FLERRE
UEIENX.7
OVERFI
UESTAX.6
UNDERFI
UESTAX.5
NAKINI
UEINTX.6
NAKINE
UEIENX.6
NAKOUTI
UEINTX.4
TXSTPE
UEIENX.4
RXSTPI
UEINTX.3
TXOUTE
UEIENX.3
RXOUTI
UEINTX.2
RXOUTE
UEIENX.2
STALLEDI
UEINTX.1
STALLEDE
UEIENX.1
EPINT
UEINT.X
Endpoint 0
Endpoint 1
Endpoint 2
Endpoint 3
Endpoint 4
TXINI
UEINTX.0
TXINE
UEIENX.0
USB Endpoint
Interrupt Vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com