Electronic Components Datasheet Search
  English  ▼

X  

TLC272IP Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272IP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272IP Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC272IP Datasheet HTML 30Page - Texas Instruments TLC272IP Datasheet HTML 31Page - Texas Instruments TLC272IP Datasheet HTML 32Page - Texas Instruments TLC272IP Datasheet HTML 33Page - Texas Instruments TLC272IP Datasheet HTML 34Page - Texas Instruments TLC272IP Datasheet HTML 35Page - Texas Instruments TLC272IP Datasheet HTML 36Page - Texas Instruments TLC272IP Datasheet HTML 37Page - Texas Instruments TLC272IP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
1/2
TLC272
110
Ω
VO
(see Note B)
–
+
250
µF,
25 V
10 k
Ω
TIP31
TL431
20 k
Ω
1 k
Ω
100 k
Ω
0.47
µF
15
Ω
TIS193
0.01
µF
47 k
Ω
22 k
Ω
0.1
µF
4.7 k
Ω
1.2 k
Ω
VI
(see Note A)
NOTES: A. VI = 3.5 to 15 V
B. VO = 2 V, 0 to 1 A
Figure 46. Logic-Array Power Supply
9 V
100 k
Ω
47 k
Ω
TLC272
1/2
1/2
TLC272
R2
VO (see Note A)
VO (see Note B)
10 k
Ω
10 k
Ω
R3
0.1
µF
100 k
Ω
9 V
R1
f
O +
1
4C(R2)
[R1
R3
]
C
NOTES: A. VO(PP) = 8 V
B. VO(PP) = 4 V
Figure 47. Single-Supply Function Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com