Electronic Components Datasheet Search
  English  ▼

X  

TLC272IP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272IP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272IP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC272IP Datasheet HTML 18Page - Texas Instruments TLC272IP Datasheet HTML 19Page - Texas Instruments TLC272IP Datasheet HTML 20Page - Texas Instruments TLC272IP Datasheet HTML 21Page - Texas Instruments TLC272IP Datasheet HTML 22Page - Texas Instruments TLC272IP Datasheet HTML 23Page - Texas Instruments TLC272IP Datasheet HTML 24Page - Texas Instruments TLC272IP Datasheet HTML 25Page - Texas Instruments TLC272IP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 14
VID = – 1 V
VID = – 100 mV
VDD = 5 V
IOL = 5 mA
TA = 25°C
600
500
400
3
2
1
700
4
VIC – Common-Mode Input Voltage – V
300
0
LOW-LEVEL OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
0.5
1.5
2.5
3.5
650
550
450
350
Figure 15
VID = – 100 mV
VID = – 2.5 V
VID = – 1 V
TA = 25°C
IOL = 5 mA
VDD = 10 V
10
8
6
4
2
500
450
400
350
300
VIC – Common-Mode Input Voltage – V
0
250
LOW-LEVEL OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
13
579
Figure 16
VDD = 10 V
VDD = 5 V
TA = 25°C
VIC = |VID/2|
IOL = 5 mA
0
100
200
300
400
500
600
700
800
– 8
– 6
– 4
– 2
– 10
VID – Differential Input Voltage – V
0
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
– 1
– 3
– 5
– 7
– 9
Figure 17
VDD = 10 V
VDD = 5 V
IOL = 5 mA
VID = – 1 V
VIC = 0.5 V
800
700
600
500
400
300
200
100
100
75
50
25
0
– 25
– 50
900
125
TA – Free-Air Temperature – °C
0
– 75
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com