Electronic Components Datasheet Search
  English  ▼

X  

TLC272IP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272IP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272IP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC272IP Datasheet HTML 16Page - Texas Instruments TLC272IP Datasheet HTML 17Page - Texas Instruments TLC272IP Datasheet HTML 18Page - Texas Instruments TLC272IP Datasheet HTML 19Page - Texas Instruments TLC272IP Datasheet HTML 20Page - Texas Instruments TLC272IP Datasheet HTML 21Page - Texas Instruments TLC272IP Datasheet HTML 22Page - Texas Instruments TLC272IP Datasheet HTML 23Page - Texas Instruments TLC272IP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
– 5
0
VIO – Input Offset Voltage – mV
5
60
– 4
– 3
– 2
– 1
0
1
2
34
10
20
30
40
50
753 Amplifiers Tested From 6 Wafer Lots
VDD = 5 V
TA = 25°C
P Package
DISTRIBUTION OF TLC272
INPUT OFFSET VOLTAGE
Figure 7
50
40
30
20
10
4
3
2
1
0
– 1
– 2
– 3
– 4
60
5
VIO – Input Offset Voltage – mV
0
– 5
DISTRIBUTION OF TLC272
INPUT OFFSET VOLTAGE
753 Amplifiers Tested From 6 Wafer Lots
VDD = 10 V
TA = 25°C
P Package
Figure 8
324 Amplifiers Tested From 8 Wafer Lots
VDD = 5 V
TA = 25°C to 125°C
P Package
Outliers:
(1) 20.5
µV/°C
50
40
30
20
10
8
6
4
2
0
– 2
– 4
– 6
– 8
60
10
0
– 10
αVIO – Temperature Coefficient – µV/°C
DISTRIBUTION OF TLC272 AND TLC277
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
Figure 9
324 Amplifiers Tested From 8 Wafer Lots
VDD = 5 V
TA = 25°C to 125°C
P Package
Outliers:
(1) 21.2
µV/°C
– 10
0
10
60
– 8
– 6
– 4
– 2
0
24
68
10
20
30
40
50
αVIO – Temperature Coefficient – µV/°C
DISTRIBUTION OF TLC272 AND TLC277
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com