Electronic Components Datasheet Search
  English  ▼

X  

TLC272IP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272IP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272IP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC272IP Datasheet HTML 7Page - Texas Instruments TLC272IP Datasheet HTML 8Page - Texas Instruments TLC272IP Datasheet HTML 9Page - Texas Instruments TLC272IP Datasheet HTML 10Page - Texas Instruments TLC272IP Datasheet HTML 11Page - Texas Instruments TLC272IP Datasheet HTML 12Page - Texas Instruments TLC272IP Datasheet HTML 13Page - Texas Instruments TLC272IP Datasheet HTML 14Page - Texas Instruments TLC272IP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC272Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Input offset voltage
VO = 1.4 V,
VIC = 0,
11
10
mV
VIO
Input offset voltage
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
1.1
10
mV
αVIO Temperature coefficient of input offset voltage
1.8
µV/°C
IIO
Input offset current (see Note 4)
V2 5 V
V2 5 V
0.1
pA
IIB
Input bias current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
0.6
pA
VICR
Common-mode input voltage range (see Note 5)
– 0.2
to
4
– 0.3
to
4.2
V
VOH
High-level output voltage
VID = 100 mV,
RL = 10 kΩ
3.2
3.8
V
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
0
50
mV
AVD
Large-signal differential voltage amplification
VO = 0.25 V to 2 V
RL = 10 kΩ
5
23
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin
65
80
dB
kSVR
Supply-voltage rejection ratio (
∆VDD /∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
65
95
dB
IDD
Supply current (two amplifiers)
VO = 2.5 V,
No load
VIC = 2.5 V,
1.4
3.2
mA
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
electrical characteristics, VDD = 10 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC272Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Input offset voltage
VO = 1.4 V,
VIC = 0,
11
10
mV
VIO
Input offset voltage
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
1.1
10
mV
αVIO Temperature coefficient of input offset voltage
1.8
µV/°C
IIO
Input offset current (see Note 4)
V5 V
V5 V
0.1
pA
IIB
Input bias current (see Note 4)
VO = 5 V,
VIC = 5 V
0.7
pA
VICR
Common-mode input voltage range (see Note 5)
– 0.2
to
9
– 0.3
to
9.2
V
VOH
High-level output voltage
VID = 100 mV,
RL = 10 kΩ
8
8.5
V
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
0
50
mV
AVD
Large-signal differential voltage amplification
VO = 1 V to 6 V,
RL = 10 kΩ
10
36
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin
65
85
dB
kSVR
Supply-voltage rejection ratio (
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
65
95
dB
IDD
Supply current (two amplifiers)
VO = 5 V,
No load
VIC = 5 V,
1.9
4
mA
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com