Electronic Components Datasheet Search
  English  ▼

X  

TLC272IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272IP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272IP Datasheet(HTML) 1 Page - Texas Instruments

  TLC272IP Datasheet HTML 1Page - Texas Instruments TLC272IP Datasheet HTML 2Page - Texas Instruments TLC272IP Datasheet HTML 3Page - Texas Instruments TLC272IP Datasheet HTML 4Page - Texas Instruments TLC272IP Datasheet HTML 5Page - Texas Instruments TLC272IP Datasheet HTML 6Page - Texas Instruments TLC272IP Datasheet HTML 7Page - Texas Instruments TLC272IP Datasheet HTML 8Page - Texas Instruments TLC272IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Trimmed Offset Voltage:
TLC277 . . . 500
µV Max at 25°C,
VDD = 5 V
D Input Offset Voltage Drift ...Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
0
°C to 70°C...3 V to 16 V
–40
°C to 85°C...4 V to 16 V
–55
°C to 125°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix types)
D Low Noise ...Typically 25 nV/√Hz at
f = 1 kHz
D Output Voltage Range Includes Negative
Rail
D High Input impedance ...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up Immunity
description
The
TLC272
and
TLC277
precision
dual
operational amplifiers combine a wide range of
input offset voltage grades with low offset voltage
drift, high input impedance, low noise, and speeds
approaching those of general-purpose BiFET
devices.
These devices use Texas Instruments silicon-
gate LinCMOS
 technology, which provides
offset voltage stability far exceeding the stability
available with conventional metal-gate pro-
cesses.
The extremely high input impedance, low bias
currents, and high slew rates make these cost-
effective devices ideal for applications previously
reserved for BiFET and NFET products. Four
offset voltage grades are available (C-suffix and
I-suffix types), ranging from the low-cost TLC272
(10 mV) to the high-precision TLC277 (500
µV).
These advantages, in combination with good
common-mode rejection and supply voltage
rejection, make these devices a good choice for
new state-of-the-art designs as well as for
upgrading existing designs.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
GND
VDD
2OUT
2IN –
2IN +
D, JG, P, OR PW PACKAGE
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN +
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection
P Package
TA = 25°C
25
20
15
10
5
400
0
– 400
0
800
30
VIO – Input Offset Voltage – µV
– 800
DISTRIBUTION OF TLC277
INPUT OFFSET VOLTAGE
473 Units Tested From 2 Wafer Lots
VDD = 5 V
(TOP VIEW)
LinCMOS is a trademark of Texas Instruments.


Similar Part No. - TLC272IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272IP TI-TLC272IP Datasheet
588Kb / 36P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IP TI1-TLC272IP Datasheet
1Mb / 53P
PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IP TI-TLC272IP Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IP TI2-TLC272IP Datasheet
1Mb / 52P
LinCMOS. PRECISION DUAL OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 2002
TLC272IP.A TI2-TLC272IP.A Datasheet
1Mb / 52P
LinCMOS. PRECISION DUAL OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 2002
More results

Similar Description - TLC272IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272 TI-TLC272 Datasheet
588Kb / 36P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2ACDRG4 TI1-TLC27M2ACDRG4 Datasheet
1Mb / 50P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com