Electronic Components Datasheet Search
  English  ▼

X  

TLC272IP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272IP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272IP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC272IP Datasheet HTML 22Page - Texas Instruments TLC272IP Datasheet HTML 23Page - Texas Instruments TLC272IP Datasheet HTML 24Page - Texas Instruments TLC272IP Datasheet HTML 25Page - Texas Instruments TLC272IP Datasheet HTML 26Page - Texas Instruments TLC272IP Datasheet HTML 27Page - Texas Instruments TLC272IP Datasheet HTML 28Page - Texas Instruments TLC272IP Datasheet HTML 29Page - Texas Instruments TLC272IP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 30
2.5
2.0
1.5
100
75
50
25
0
– 25
– 50
1.0
3.0
TA – Free-Air Temperature – °C
– 75
See Figure 3
CL = 20 pF
VI = 10 mV
VDD = 5 V
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
125
Figure 31
2.0
1.5
14
12
10
8
6
4
2
1.0
16
2.5
VDD – Supply Voltage – V
0
VI = 10 mV
CL = 20 pF
TA = 25°C
See Figure 3
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
Phase Shift
AVD
VDD = 5 V
RL = 10 kΩ
TA = 25°C
180
°
0
°
30
°
60
°
90
°
120
°
150
°
10 6
10 5
10 4
10 3
10 2
101
1
1 M
100 k
10 k
1 k
100
0.1
10 M
f – Frequency – Hz
10
107
Figure 32
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com